Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 400 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 400 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 396Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 397Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 398Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 399Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 400Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 401Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 402Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 403Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 404Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-26
USER’S MANUAL
BOOT — Boot ROM Control
Reset state of BOOT is specified at mask time. This is a read-only bit.
0 = ROM responds to bootstrap word locations during reset vector fetch.
1 = ROM does not respond to bootstrap word locations during reset vector fetch.
Bootstrap operation is overridden if STOP = 1 at reset.
LOCK — Lock Registers
The reset state of LOCK is specified at mask time. If the reset state of the LOCK is
zero, it can be set once after reset to allow protection of the registers after initialization.
Once the LOCK bit is set, it cannot be cleared again until after a reset. LOCK protects
the ASPC and WAIT fields, as well as the ROMBAL and ROMBAH registers. ASPC,
ROMBAL and ROMBAH are also protected by the STOP bit.
0 = Write lock disabled. Protected registers and fields can be written.
1 = Write lock enabled. Protected registers and fields cannot be written.
EMUL — Emulation Mode Control
0 = Normal ROM operation
1 = Accesses to the ROM array are forced external, allowing memory selected by
the CSM pin to respond to the access.
Because the MC68HC16Z2 and the MC68HC16Z3 do not support ROM emulation
mode, this bit should never be set.
ASPC[1:0] — ROM Array Space
The ASPC field limits access to the SRAM array in microcontrollers that support sep-
arate user and supervisor operating modes. ASPC1 has no effect because the CPU16
operates in supervisor mode only. This bit may be read or written at any time. The
reset state of ASPC[1:0] is specified at mask time. Table D-22 shows ASPC[1:0] en-
coding.
WAIT[1:0] — Wait States Field
WAIT[1:0] specifies the number of wait states inserted by the MRM during ROM array
accesses. The reset state of WAIT[1:0] is user specified. The field can be written only
if LOCK = 0 and STOP = 1. Table D-23 shows the wait states field.
Table D-22 ROM Array Space Field
ASPC[1:0]
State Specified
X0
Program and data accesses
X1
Program access only
Table D-23 Wait States Field
WAIT[1:0]
Number of
Wait States
Clocks per Transfer
00
0
3
01
1
4
10
2
5
11
–1
2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com