Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 418 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 418 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 414Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 415Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 416Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 417Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 418Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 419Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 420Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 421Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 422Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 500 page
background image
REGISTER SUMMARY
M68HC16 Z SERIES
D-44
USER’S MANUAL
NF — Noise Error
0 = No noise detected in the received data.
1 = Noise detected in the received data.
FE — Framing Error
0 = No framing error detected in the received data.
1 = Framing error or break detected in the received data.
PF — Parity Error
0 = No parity error detected in the received data.
1 = Parity error detected in the received data.
D.6.7 SCI Data Register
SCDR consists of two data registers located at the same address. The receive data
register (RDR) is a read-only register that contains data received by the SCI serial in-
terface. Data comes into the receive serial shifter and is transferred to RDR. The trans-
mit data register (TDR) is a write-only register that contains data to be transmitted.
Data is first written to TDR, then transferred to the transmit serial shifter, where addi-
tional format bits are added before transmission. R[7:0]/T[7:0] contain either the first
eight data bits received when SCDR is read, or the first eight data bits to be transmitted
when SCDR is written. R8/T8 are used when the SCI is configured for nine-bit opera-
tion. When the SCI is configured for 8-bit operation, R8/T8 has no meaning or effect.
D.6.8 Port QS Data Register
PORTQS latches I/O data. Writes drive pins defined as outputs. Reads return data
present on the pins. To avoid driving undefined data, first write a byte to PORTQS,
then configure DDRQS.
SCDR — SCI Data Register
$YFFC0E
15
9
8
7
6
5
4
3
2
1
0
NOT USED
R8/T8
R7/T7
R6/T6
R5/T5
R4/T4
R3/T3
R2/T2
R1/T1
R0/T0
RESET:
U
U
U
U
U
U
U
U
U
PORTQS — Port QS Data Register
$YFFC14
15
8
7
6
5
4
3
2
1
0
NOT USED
PQS7
PQS6
PQS5
PQS4
PQS3
PQS2
PQS1
PQS0
RESET:
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com