Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 464Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 465Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 466Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 467Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 468Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 469Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 470Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 471Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 500 page
background image
INITIALIZATION AND PROGRAMMING EXAMPLES
M68HC16 Z SERIES
E-16
USER’S MANUAL
BEQ
SEND_CH
;if TDR is not empty, go back to check it
again
CLRA
STD
SCDR
;transmit one ASCII character to the screen
TC_LOOP:
LDAB
SCSR+1
ANDB
#$80
;test the TC bit (transfer complete)
BEQ
TC_LOOP
;continue to wait until TC is set
RTS
;finish sending out one character
*****
Exceptions/Interrupts
*****
BDM:
BGND
;exception vectors point here
;and put the user in background mode
*****
The string
*****
ORG
$0310
STRING
DC 'I LIKE MY NEW MEMORY!!!',0A,0D,00
E.2.1.3 Example 3 - Changing Clock Frequencies
*
Description : This program demonstrates the ability of the
*
M68HC16 to change clock frequencies on the fly.
*
In this particular case, we alternate between
*
a frequency of 16.78MHz and 4.194MHz.
Note
*
that because we are writing to the screen,
*
we also need to correct the BAUD rate (1200)
*
each time we change the frequency.
Make sure
*
that your terminal has been set up to receive
*
at 1200 baud.
An oscilloscope may be connected
*
to the CLKOUT pin on the EVB to observe the
*
frequency change.
***************************************************************************
INCLUDE
'EQUATES.ASM'
;table of EQUates for common registers
INCLUDE
'ORG00000.ASM'
;initialize reset vectors
INCLUDE
'ORG00008.ASM'
;initialize interrupt vectors
ORG
$0200
;start program after the exception
;vector table
*****
Initialize
*****
INIT:
INCLUDE
'INITSYS.ASM'
;initially set EK=F, XK=0, YK=0, ZK=0
;set sys clock at 16.78 MHz, disable
COP
INCLUDE
'INITRAM.ASM'
;turn on internal 1K SRAM at $10000
;set stack in bank 1 (SK=1, SP=03FE)
LDD
#$000C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com