Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 477 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 473Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 474Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 475Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 476Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 477Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 478Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 479Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 480Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 500 page
background image
M68HC16 Z SERIES
INITIALIZATION AND PROGRAMMING EXAMPLES
USER’S MANUAL
E-25
AIX
#$01
;increment IX to point to the next byte
BRA
SEND_STRING
;loop back and do next byte in string
STRING_DONE:
;subroutine to implement delay between messages
LDE
#$FFFF
;load accumulator E with the delay time
STE
0,Z
;set up the counter
LOOP:
DECW 0,Z
;decrement the counter
BNE
LOOP
;count down to zero
RTS
;finish delay loop go back to main
SEND_CH:
;subroutine to send out one byte to SCI
LDAA SCSR
;read SCI status reg to check/clear TDRE bit
ANDA #$01
;check only the TDRE flag bit
BEQ
SEND_CH
;if TDR is not empty, go back to check it again
LDAA #$00
;clear A to send a full word to SCDR ($FFC0E)
STD
SCDR
;transmit one ASCII character to the screen
TC_LOOP:
LDAB SCSR+1
ANDB #$80
;test the TC bit (transfer complete)
BEQ
TC_LOOP
;continue to wait until TC is set
RTS
;finish sending out byte
STRING
DC
'I AM A HAPPY EVB16 RUNNING YOUR CODE!!!',0A,0D,00
*****
Interrupts/Exceptions
*****
BDM: BGND
;exception vectors point here
;and put the user in background debug mode
*****
Reserve data and stack space
*****
ORG
$10000
;start of 1K internal SRAM for data & stack
COUNTER DS
2
;space for delay counter
E.2.4 GPT Programming Example
The following programming example involves demonstrating basic general-purpose
timer module (GPT) functions.
Refer to SECTION 11 GENERAL-PURPOSE TIMER for more information on the
GPT.
E.2.4.1 Example 7 - Basic GPT Functions
*
Description : This program demonstrates some basic GPT functions.
*
*
The 1st demo requires that the pins OC2, IC1, IC2,
*
and IC3 be tied together so that OC2 may drive
*
IC1, IC2, & IC3.
*
*
* In the second demo, the PAI pin should be connected
*
to the PWMA pin.
A bell on the dummy terminal
*
will ring when the Pulse Accumulator Counter
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com