Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 139Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 140Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 141Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 142Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 143Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 144Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 145Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 146Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-37
Descriptions are made in terms of individual system clock states, labelled {S0, S1,
S2,..., SN}. The designation “state” refers to the logic level of the clock signal, and
does not correspond to any implemented machine state. A clock cycle consists of two
successive states. Refer to APPENDIX A ELECTRICAL CHARACTERISTICS for
more information on clock control timing.
Bus cycles terminated by DSACK assertion normally require a minimum of three
CLKOUT cycles. To support systems that use CLKOUT to generate DSACK and other
inputs, asynchronous input setup time and asynchronous input hold times are speci-
fied. When these specifications are met, the MCU is guaranteed to recognize the ap-
propriate signal on a specific edge of the CLKOUT signal.
5.6.2 Regular Bus Cycle
The following paragraphs contain a discussion of cycles that use external bus control
logic. Refer to 5.6.3 Fast Termination Cycles for information about fast termination
cycles.
To initiate a transfer, the MCU asserts an address and the SIZ[1:0] signals. The SIZ
signals and ADDR0 are externally decoded to select the active portion of the data bus.
Refer to 5.5.2 Dynamic Bus Sizing. When AS, DS, and R/W are valid, a peripheral
device either places data on the bus (read cycle) or latches data from the bus (write
cycle), then asserts a DSACK[1:0] combination that indicates port size.
The DSACK[1:0] signals can be asserted before the data from a peripheral device is
valid on a read cycle. To ensure valid data is latched into the MCU, a maximum period
between DSACK assertion and DS assertion is specified.
There is no specified maximum for the period between the assertion of AS and
DSACK. Although the MCU can transfer data in a minimum of three clock cycles when
the cycle is terminated with DSACK, the MCU inserts wait cycles in clock period incre-
ments until either DSACK signal goes low.
If bus termination signals remain unasserted, the MCU will continue to insert wait
states, and the bus cycle will never end. If no peripheral responds to an access, or if
an access is invalid, external logic should assert the BERR or HALT signals to abort
the bus cycle (when BERR and HALT are asserted simultaneously, the CPU16 acts
as though only BERR is asserted). When enabled, the SIM bus monitor asserts BERR
when DSACK response time exceeds a predetermined limit. The bus monitor time-out
period is determined by the BMT[1:0] field in SYPCR. The maximum bus monitor time-
out period is 64 system clock cycles.
5.6.2.1 Read Cycle
During a read cycle, the MCU transfers data from an external memory or peripheral
device. If the instruction specifies a long-word or word operation, the MCU attempts to
read two bytes at once. For a byte operation, the MCU reads one byte. The portion of
the data bus from which each byte is read depends on operand size, peripheral ad-
dress, and peripheral port size. Figure 5-12 is a flowchart of a word read cycle. Refer
to 5.5.2 Dynamic Bus Sizing, 5.5.4 Misaligned Operands, and the
SIM Reference
Manual (SIMRM/AD) for more information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com