Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 96Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 97Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 98Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 99Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 100Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 101Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 102Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 103Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 104Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
PRODUCT SPECIFICATION
FS401, FS403
REV. NO. 1.7
103
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
9. Revision History
3/3/99: First Release, V1.0
4/2/99: Second Release, V1.1: p. 1, added DPMS support & adaptive input filtering selection; p. 13,
added GPO0 description; p. 17, moved OHO & OVO to list of registers used by on-board processor; p.
19-24, corrected typo on register names & added better DSICAL description; p. 66, added reminder about
loop delay.
7/16/99: Third Release, V1.2: p. 10, 11, 16: documented need to ground “reserved” pins; p. 11 & 13,
EXADSEL sense changed from early silicon to high true input (high selects external A/D on FS403); p.
19-24, corrected typo on register names & added better DSICAL description, description of new SCR bits,
new HOHOS & HOVOS registers, SFLK change from register to bits in SCR; p. 26-27, new software
reset values and new HOHOS, HOVOS registers & SCR bits; p. 38, proper VGAINTDET definition; p. 53,
new SCR definitions; p. 55-57, new SSR, HCRS, and HCRES bit definitions; p. 58-63, HPO, VPO, HSS,
VSS, HPP, VPP all require up to 25ms (vs. 10ms) to calculate limits; ; p. 68-69, new HOHOS & HOVOS
registers definitions; p. 71-73, new Configuration Register definitions; p. 87, comment about Philips vs.
FOCUS SIO addressing added; p. 88, errors in table corrected (p. 15 was correct, not table 5); p. 103,
part number change.
9/2/99: Fourth Release, V1.3: p. 13, documented internal pull-down on EXADSEL; p. 14, corrected
CCOMP pull down; p. 96, deleted reference to FS_CKIN to FC_CKOUT resistor, resistor not recommended;
p. 103, package marking.
7/25/00: Fifth Release, V1.4: p. 1, new patent received; p. 5, corrected reference to external VGACKIN
source; p. 19 section 4.2.1.2, corrected first section regarding DSICAL bit (deleted reference to ICALRDY
bit); p. 25, Status Port changed to Status Register; p. 84, corrected oscillator settings for Super NTSC
and Super PAL; p. 91, 92: VREF changed to 1.276V typical, new min/max.
1/23/03: Sixth Release, V1.5: Table 2, corrected FS403 signal assignments on pin 24 (now G6) and pin
26 (now G4). Section 3, corrected descriptions of FS403 pin 24 (now G6) and pin 26 (now G4). Section
4.5.25, refined the definition of the GPO register.
11/27/05: Seventh Release, V1.6 Table 8.2 modified to include FS403LF dimensions. Removed
unreferenced rows in that table.
01/17/2007: Eight Release, V1.7. Leaded versions of FS401 and FS403 discontinued – removed all
references to leaded version of these parts . FS402 discontinued, all references to FS402 removed from
data sheet. Page 8, section 1.5.3 (FS402 application description) deleted. Page 52, removed reference
to FS402 in register 34 Description. Page 75, removed reference to FS402 in Figure 5 description. Page
85, clarification on last sentence in section 5.3.6. Page 101, removed reference to FS402 in section 8.1.
Page 102, removed reference to FS403 (leaded version), updated package drawing to eliminate
confusion on pin 1 location. Page 104, removed reference to parts 444-2121, 444-2122, 444-2123 (non
ROHS compliant parts), updated corporate contact information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com