Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 64Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 65Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 66Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 67Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 68Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 69Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 70Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 71Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
68
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.40 HOHOS – Hardware Output Horizontal Offset Shadow
Hardware Output Horizontal Offset Shadow Low (7C)
7
6
5
4
3
2
1
0
HOHOS 7
HOHOS 6
HOHOS 5
HOHOS 4
HOHOS 3
HOHOS 2
HOHOS 1
HOHOS 0
Hardware Output Horizontal Offset Shadow High (7D)
7
6
5
4
3
2
1
0
HOHOS 15
HOHOS 14
HOHOS 13
HOHOS 12
HOHOS 11
HOHOS 10
HOHOS 9
HOHOS 8
Description:
Horizontal displacement of the outgoing active video area image in pixels from the leading edge of
outgoing horizontal sync.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields in the HCRS register causes the internal
micro-controller to initialize HOHOS register to a default value appropriate to the new output mode.
TV Mode
HOHOS
NTSC
178
PAL
230
VGA
132
SVGA
176
100Hz PAL
180
Progressive NTSC (720x480)
178
Super NTSC (1280x480)
290
Super PAL (1280x575)
290
Reset Value:
0x00B2 (178.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com