Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 60Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 61Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 62Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 63Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 64Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 65Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 66Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 67Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
64
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.36 TVP – TV Pixels
TV Pixels Low (74)
7
6
5
4
3
2
1
0
TVP7
TVP6
TVP5
TVP4
TVP3
TVP2
TVP1
TVP0
TV Pixels High (75)
7
6
5
4
3
2
1
0
TVP15
TVP14
TVP13
TVP12
TVP11
TVP10
TVP9
TVP8
Description:
Tells the internal controller the total number of usable pixels on the output device in a horizontal line.
If the value written to TVP is beyond the limit, the new mode will not be calculated and the ERROR bit in
SSR will be set.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields in the HCRS register causes the internal
micro-controller to initialize TVP register to a default value appropriate to the new output mode.
TV Mode
TVP
NTSC
658
PAL
820
VGA
640
SVGA
800
100Hz PAL
908
Progressive NTSC (720x480)
658
Super NTSC (1280x480)
914
Super PAL (1280x575)
914
Range:
{+128 : +2047}
Reset Value:
0x0292 (658.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com