Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 48Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
52
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.25 General Purpose Outputs
General Purpose Outputs Low (34)
7
6
5
4
3
2
1
0
GPO7
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
GPO0
General Purpose Outputs High (35)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Register
Bit#
Bit Name
Description
34
7-0
GPO7-0
General Purpose Output bits [7:0]. The General Purpose
Output bits control the GPO pins on the FS400. The FS403 has
all 8 GPO outputs available while the FS401 has only GPO6 and
GPO0 available. On readback, the value read is the value written,
not necessarily the voltage level.
35
7-0
07-0
Reserved: Always set these bits to 0. Any other value will place
the FS400 into a manufacturing test mode.
Note: When the internal microprocessor is running, GPO0 is under the control of the microprocessor
(see CCR_FLT_FREQ in section 4.5.40).
In order to modify the GPO register, one must first change the Configuration Command Register
CCR_GPO at CCR address 0x20. After the CCR_GPO register is programmed, the exact same GPO
value must be programmed into the General Purpose Outputs register (see above).
Bit 0 of the GPO register is always reserved. When programming the CCR_GPO register it is ok to write
an 8-bit value. The system will ignore bit 0. When programming the General Purpose Outputs register
(see above), first read the register to get the current state of bit 0, change bits 1-7 as desired, then write
the new value into the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com