Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
15
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Pin Name
Pin Number
FS401/FS403
Type/Value
Pin Function Description
Frame Buffer Port
D15-0
79-76,73-62/
100-97,94-
91,88-81
TTL input/
LVTTL
output
Data port, frame store memory. 16-bit data bus for 16Mb
SDRAM.
A11-0
94-83/
118-107
LVTTL
output
Address port, frame store memory. 12-bit address bus
for 16Mb SDRAM.
RAS\
60/78
LVTTL
output
Row address strobe. RAS\ output for 16Mb SDRAM
frame store memory.
CAS\
61/79
LVTTL
output
Column address strobe. CAS\ output for 16Mb SDRAM
frame store memory.
WE\
58/76
LVTTL
output
Write enable. WE\ output for 16Mb SDRAM frame store
memory.
DQM
57/75
LVTTL
output
Data Qualify. Qualify data for 16Mb SDRAM frame store
read/write operations. State is set by the memory access
mode:
DQM = L, enables memory outputs for read operations and
exposes memory inputs for write operations;
DQM = H, disables memory outputs and masks memory
inputs
RAMCK_IN
100/127
TTL input
Frame store clock input. Frame store input clock to be
routed to RAMCK_OUT if RAMCK_SEL\ = L.
RAMCK_SEL\ 98/125
TTL input
Frame store clock select. Selects either internal or
external clock for 16Mb SDRAM frame store memory. If
RAMCK_SEL\ = H, the internal clock synthesized from
OSC1 is selected. With RAMCK_SEL\ = L, the RAMCK_IN
input is selected.
RAMCK_OUT 99/126
LVTTL
output
Frame store clock output. RAMCK_OUT for 16Mb
SDRAM frame store memory.
Serial Port
SIOA
10/7
25/31
TTL input
Serial address length select. Selects the length of the
serial address:
SIOA
10/7
= H: 10-bits
SIOA
10/7
= L: 7-bits
SIOA0
26/32
TTL input
Serial data address bit 0. . Selects the serial bus address:
SIOA0 = H: 0x6A, 276
SIOA0 = L: 0x4A, 224
SIODATA
24/30
TTL input
Serial data. Data line of the serial port.
SIOCLK
23/29
TTL input
Serial clock. Clock line of the serial port.
Power and Ground
VDDDA
10, 13, 16, 18/
9, 12, 15, 17
+3.3 V
D/A Converter Power.
VDDAD
33, 37, 38, 45/
42, 46, 47, 54
+3.3 V
A/D Converter Power.
VDDPA
47/60
+3.3 V
A/D Sample Clock Phase Lock Loop Power.
VDDPF
1/128
+3.3 V
Frame Store Clock Phase Lock Loop Power.
VDD
19, 27, 54,
74, 82, 95/
18, 33, 68,
80, 90, 95,
106, 119
+3.3 V
Digital Power. 3.3 volt power for memory interface.
VSSDA
7, 14/6, 13
0 V
D/A Converter Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com