Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 95Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 96Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 97Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 98Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 99Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 100Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 101Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 102Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
99
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
For most applications this voltage difference is not an issue as the output drive low specification (VOL) of
the SIO bus and the FS400 are both 0.4 Volts. However, in heavily loaded SIO busses the output VOL is
not always preserved.
An easy way to regain the 0.7 Volt difference in the VIL specification of the FS400 and the SIO bus is to
bias the FS400’s input negative by a diode drop (D1). The diode can be biased by a long-tail resistor pair
or a current source pair. Shown below is the long-tail pair:
+12V
-12V
R1
22K
R2
27K
D1
To
I2C
To
FS400
Figure 25. SIO Translation Using Long-tail Resistors
D1 = 1N4148
The long-tail pair is a simple circuit but has the disadvantage of requiring higher voltage power supplies.
Also, these supplies may have to power up in a specific sequence so the surround circuits are not over-
voltage.
The translation circuit below requires only one 5 Volt power supply and has no special sequence
requirements. In addition, the circuit offers a high impedance load (Q1 become reverse biased) to the
SIO bus when its power supply is removed. Unfortunately, it requires more parts. In applications where
transistors are more readily available, R2 and R3 can be replaced with diode connected transistors.
+5V
R1
2.9K
R2
1.3K
R3
1.2K
Q1
D1
Q2
To
I2C
To
FS400
Figure 26. SIO Translation Using Current Mirrors
D1 = 1N4148, Q1 = 2N3906, Q2 = 2N3904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com