Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 72Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 73Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 74Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 75Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 76Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 77Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 78Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 79Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
76
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
2.
IHC (read only)
5.
EHV (read only)
8.
AVT
3.
IVC (read only)
6.
SVV (read only)
Capture Control also coordinates hand off of data to the Frame Store Controller.
Input Horizontal Samples, IHS is the 11-bit terminal count of the number of pixels per horizontal line
between sync pulses. IHS is the value programmed into the ADCK phase-locked-loop. If, for example
there are to be 800 samples per incoming line, then IHS must be programmed to be 799.
Input Horizontal Count, IHC is the number of encoder clock pulses on the selected OSC clock that occur
between horizontal sync pulses. This count is stored in the IHC register that can be read via the serial
bus for automatic detection of the format of incoming video.
Input Vertical Count, IVC is the 12-bit terminal count of the number of lines that occur between the
vertical sync pulses. This count is stored in the IVC register that can be read via the serial bus for
automatic detection of the format of incoming video.
Start Horizontal Active VGA, SHV is the number of ADC clock pulses that occur from the start of the
horizontal sync pulse to the detection of incoming active video. This is used to permit an accurate
positioning of the incoming VGA on the TV.
End Horizontal Active VGA, EHV is the number of ADC clock pulses that occur from the start of the
horizontal sync pulse to the end of detected incoming active video. This is used to permit an accurate
positioning of the incoming VGA on the TV.
Start Vertical Active VGA, SVV is the number of lines that occur from the start of the vertical sync pulse to
the detection of incoming active video. This is used to permit an accurate positioning of the incoming
VGA on the TV.
End Vertical Active VGA, EVV is the number of lines that occur from the start of the vertical sync pulse to
the end of detected incoming active video. This is used to permit an accurate positioning of the incoming
VGA on the TV.
5.1.2 Clamps
Incoming RGB video signals must be AC coupled to the A/D converters. Preceding each A/D converter is
an FET clamp switch which establishes the black reference level of each video signal by shorting the A/D
converter input to ground when the clamp signal is active. Clamp timing is derived internally from the
HS_IN input. A digital output, CLAMP_REF = H, when the clamp is active. CLAMP_REF and
VGACLKDIV polarity are set by the VGAREFPOL bit in the CRE register.
5.1.3 Analog-to-Digital Converters
Bottom reference voltage of the A/D converters is ground. Top reference voltage, VT is a high impedance
input that is applied via voltage followers to the reference ladder network of each A/D converter. VT must
be de-coupled with a 0.1µF capacitor to ground.
VT can be derived from the internal reference voltage, VREF by splitting the resistor connected to IREF as
described in the 5.3.5 Digital-to-Analog Converters section.
To avoid aliasing effects, incoming RGB video signals should be filtered by a low pass filter prior to the
AC coupling capacitor. Filter cutout frequency should be set at half the highest expected sampling rate of
the A/D converter clock, ADCK. A simple two element RC filter is adequate. 20MHz is typically used as
a cut off frequency.
Phase of ADCK is set by the Command Register Extended VGACLKPOL bit. By flipping the phase of the
sampling clock by 180
°, the sampling points can be positioned closer to the center of incoming pixels.
Figure 6 shows optimum sampling of VGA pixels on the rising edge of the ADCLK signal, when
synchronous sampling is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com