Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 79Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 80Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 81Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 82Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 83Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 84Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 85Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 86Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
83
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
5.2.6 Zoom
When zoom is activated by setting the ZOOM bit to 1 in the Command Register, pixels are 2X replicated
in the vertical and the horizontal directions. Pixels are replicated vertically by the Capture Engine that
duplicates the loading of each line into the Frame Store. If, for example, only 120 separate lines are
accepted, then 240 lines are written to each field contained the Frame Store Memory. When the zoomed
frame segment is retrieved, the number of horizontal pixels is doubled by duplicating each pixel twice as
the pixels are read from the Frame Store Memory. IHAW should be set to ½ the non-zoomed IHAW.
Offset may be applied to a zoomed image through the IHO and IVO registers as shown in Figure 14
Figure 14. Zoomed image showing offsets
5.3 Encoder Engine
5.3.1 Timing and Control
Timing of the Encoder Engine is synchronized by the Encoder Timing and Control Block. Frame store
clock, RAMCK_OUT is derived from the OSC1 clock by the SDRAM phase locked loop.
A clock signal must always be applied to the default clock input, OSC1. Depending upon the outgoing TV
standard requirements, one of many possible clock combinations can be selected as depicted in the table
below.
Output Standard
OSC1
OSC2
NTSC and PAL
14.31818 MHz
17.734475 MHz
NTSC only
14.31818 MHz
VSSPF
PAL only
Connect to OSC2
17.734475 MHz
Super RGB NTSC only
14.31818 MHz
20.140 MHz
Super RGB PAL only
17.734475 MHz
20.000 MHz
NTSC and VGA or VGA only
14.31818 MHz
25.175 MHz
NTSC and SVGA or SVGA only
14.31818 MHz
38.400 MHz
NTSC and Progressive NTSC
14.31818 MHz
28.63636 MHz
Progressive NTSC only
14.31818 MHz
28.63636 MHz
100Hz PAL only
17.734475 MHz
35.46895 MHz
Table 4. Clock Connections
If other combinations are desired (such as PAL and 100Hz), then OSC2 must be multiplexed with the
different frequencies desired while OSC1 is connected to a 14.31818 MHz or 17.734475 MHz input.
General principles apply as follows:
•
NTSC, VGA, SVGA, and Progressive NTSC assume a 14.31818 MHz clock on OSC1
•
PAL must be on OSC2
•
100Hz PAL interlaced assumes 17.734475 on OSC1 and 35.46895 on OSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com