Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
14
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Pin Name
Pin Number
FS401/FS403
Type/Value
Pin Function Description
OSDCLK
403 only
x/19
LVTTL
output
OSD clock. Output clock to external microprocessor to
synchronize OSD data.
Video Outputs
Y/R/V
12/11
analog
video
Video output. As programmed by Command Register
OFMT1-0 bits:
00 Luminance component Y of S-video.
01 Red component of RGB.
1X V component of YUV
CVBS/G/Y
15/14
analog
video
Video output. As programmed by Command Register
OFMT1-0 bits:
00 Composite video.
01 Green component of RGB.
1X Y component of YUV.
C/B/U
17/16
analog
video
Video output. As programmed by Command Register
OFMT1-0 bits:
00 Chrominance component of S-video.
01 Blue component of RGB.
1X U component of YUV.
CSYNC
20/20
LVTTL
output
Composite sync output. Digital composite sync for YUV
and RGB/SCART video outputs. High impedance (tri-state)
when powered down.
TV_HSYNC
32/39
LVTTL
output
Horizontal sync output. Digital horizontal sync for YUV,
RGB/SCART, and progressive video outputs. High
impedance (tri-state) when powered down. Note:
multiplexed with R1 on FS403 (see above).
TV_VSYNC
31/38
LVTTL
output
Vertical sync output. Digital horizontal sync for YUV,
RGB/SCART, and progressive video outputs. High
impedance (tri-state) when powered down. Note:
multiplexed with R0 on FS403 (see above).
D/A Voltage Reference
CCOMP
8/7
+1.235 V
Voltage reference input/output. If unconnected, except
for a 0.1µF capacitor to VDDDA for noise decoupling, the
internal 1.235 Volt band-gap reference will be supplied to
the three D/A Converters. An external 1.235 volt reference
connected to CCOMP will override the internal voltage
reference.
IREF
9/8
392/787
Current Reference. A resistor between IREF and VSSDA sets
the current range of the D/A converters. Use 392
Ω for a
37.5
Ω load and 787Ω for a 75Ω load.
CBYPASS
11/10
0.1
µF
Bypass Capacitor. A 0.1µF capacitor must be connected
between CBYPASS and VDDDA to reduce noise at the D/A
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com