Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 86Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 87Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 88Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 89Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 90Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 91Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 92Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 93Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
90
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
6. Specifications
6.1 Absolute Maximum Ratings
(beyond which the device may be damaged)1
Parameter
Min
Typ
Max
Unit
Power Supply Voltages
VDD (Measured to VSS)
-0.5
3.3
4.6
V
VDDAD (Measured to VSSAD)
-0.5
3.3
4.6
V
VDDPA and VDDPF (Measured to VSSPA and VSSPF)
-0.5
3.3
4.6
V
VDDDA (Measured to VSSDA)
-0.5
3.3
4.6
V
VSSAD, VSSPA, VSS, VSSPA, VSSDA (delta)
-0.5
0.5
V
Digital Inputs
3.3 V logic applied voltage (Measured to VSS)2
-0.5
VDD + 0.5
V
Forced current 3, 4
-10.0
10.0
mA
Analog Inputs
Applied Voltage (Measured to VSSAD)2
-0.5
VDDDA + 0.5
V
Forced current 3, 4
-10.0
10.0
mA
Digital Outputs
3.3 V logic applied voltage (Measured to VSS)2
-0.5
VDD + 0.5
V
Forced current 3, 4
-6.0
6.0
mA
Short circuit duration (single output in HIGH state to
ground)
1
second
Temperature
Operating, Ambient
-20
110
°C
Junction
150
°C
Lead Soldering (10 seconds)
300
°C
Vapor Phase Soldering (1 minute)
1
220
°C
Storage
1
-65
150
°C
Electrostatic Discharge5
±150
V
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are
guaranteed only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
5. EIAJ test method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com