Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
20
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.2.1.3 Input Calibration Tables
The internal micro-controller can store input calibration information for four video modes when in both
manual and auto input calibration mode. Setting the ENICTBL bit in the SCR register enables this
feature.
During a video mode change, the internal micro-controller will save the accumulated input calibration of
the last video mode and its IVC and IHC values into the input calibration table. Next, the internal micro-
controller will search the table entries for an entry that match the IHC and IVC of the new mode. If a
match is found, then the input calibration information is retrieved from the table.
Setting the RSTICAL bit in the SCR register will clear the table entry for the current mode.
The input calibration table can be read and modified by accessing the following configuration values via
the CCR and CDR registers.
CCR_ICAL_TABLE_x_IVC
CCR_ICAL_TABLE_x_IHC
CCR_ICAL_TABLE_x_HAT
CCR_ICAL_TABLE_x_SHV
CCR_ICAL_TABLE_x_VAT
CCR_ICAL_TABLE_x_SVV
x = 0, 1, 2, or 3
4.2.2 Output Calibration
The internal micro-controller needs to know the location of the first displayable pixel and line and how
many pixels and lines the output device can display. This information is referred to as the Output
Calibration.
The internal micro-controller has built-in default output calibration that works well for supported output
devices. However, an external controller can change the output calibration to suit a specific output
device.
The starting pixel and starting line locations are stored in HOHOS and HOVOS. The external controller
may read and write these registers at any time. Any changes will take effect upon the next output frame.
The number of pixels and lines that can be displayed are stored in the TVP (TV Pixels) and TVL (TV
Lines) registers. The external controller may read and write these registers at any time. Any changes will
take effect after the internal controller recalculates the low level registers.
Additionally, the FS400 is capable of display a 75% color bar pattern to assist the user in manually
adjusting the output calibration. Setting the OCAL bit in the SCR register enables the 75% color bar
pattern.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields of the HCRS register causes the internal
micro-controller to initialize the HOHOS, HOVOS, TVL, and TVP registers to defaults appropriate to the
new output mode.
4.2.3 Zoom
There are two zooming methods. The first is to set the ZOOM bit in the HCRES register for 2x-zoom.
The second is to use the HSS (Horizontal Scale Step) and the VSS (Vertical Scale Step) registers for
variable zoom.
Setting the ZOOM bit in the HCRES register causes the pixels to double in size. The HPP (Horizontal
Pan Position) and the VPP (Vertical Pan Position) are used to pan the zoomed image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com