Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
13
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Pin Name
Pin Number
FS401/FS403
Type/Value
Pin Function Description
VGACLKDIV
403 only
x/65
LVTTL
output
A/D clock divided by N. VGACLKIN divided by N for
connection to external phase-locked loop controller.
Polarity selectable.
CLAMP_REF
46/55
LVTTL
output
VGA clock reference output. Clamp output signal.
CLAMP_REF = H, when the internal clamp is active during
the horizontal sync period, HS_IN. CLAMP_REF can be
used for a reference input for an external PLL. Polarity
selectable.
EXADSEL
403 only
x/23
TTL input
Analog/Digital RGB in select. LOW selects internal A/D
converters; HIGH selects external digital R7-0G7-0B7-0 inputs.
If LOW, B7-0 become general purpose outputs. This pin has
an internal pull-down and should be left open if the internal
A/D is desired.
Digital RGB Inputs or OSD/GPO Pins
R7-3
403 only
x/59-56, x/41 TTL input
Digital red inputs. Top 5 bits of 8-bit red input data. No
connection if not used.
R2/OSDEN
403 only
x/40
TTL input
Digital red input/OSD enable. Bit 2 of red input data if
EXADSEL is high. Else, OSD enable pin (high enabled).
No connection if not used.
R1/
TV_HSYNC
403 only
x/39
TTL input/
LVTTL
output
Digital red input/TV_HSYNC. Bit 1 of red input data if
EXADSEL is high. Else, digital horizontal sync for YUV,
RGB/SCART, and progressive video outputs. No
connection if not used.
R0/
TV_VSYNC
403 only
x/38
TTL input/
LVTTL
output
Digital red input/TV_VSYNC. Bit 0 of red input data if
EXADSEL is high. Else, digital vertical sync for YUV,
RGB/SCART, and progressive video outputs. No
connection if not used.
G7/OSDHT
403 only
x/27
TTL input
Digital green input/OSD half tone. Bit 7 of green input
data if EXADSEL is high. Else, OSD half tone input pin. No
connection if not used.
G4/OSDR
403 only
x/26
TTL input
Digital green input/OSD red. Bit 4 of green input data if
EXADSEL is high. Else, OSD red input pin. No connection
if not used.
G5/OSDG
403 only
x/25
TTL input
Digital green input/OSD green. Bit 5 of green input data if
EXADSEL is high. Else, OSD green input pin. No
connection if not used.
G6/OSDB
403 only
x/24
TTL input
Digital green input/OSD blue. Bit 6 of green input data if
EXADSEL is high. Else, OSD blue input pin. No
connection if not used.
G3-0
403 only
x/70-73
TTL input
Digital green input. Bottom 4 bits of 8-bit green input data.
No connection if not used.
B7-0
403 only
x/102-105,
x/120-123
TTL input
Digital blue input. 8-bit blue input data if EXADSEL is
high. GPO if not used (see GPO pin definition below). No
connection if not used.
GPO7-1
x/102,
81/103,
x/104, x/105,
x/120, x/121,
x/122
LVTTL
output
General Purpose Outputs. 2 (FS401) or 8 bits (FS403) of
general purpose outputs set by SIO commands to the GPO
register. No connection if not used.
GPO0
96/123
LVTTL
output
General Purpose Output 0. When the internal CPU is
enabled, this bit signals when the frequency of the VGA
input is high or low. Otherwise, it is a normal GPO bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com