Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS403 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
4
JANUARY 24, 2007
COPYRIGHT
© 1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
5.3.5
Digital-to-Analog Converters ............ 85
5.3.6
On-Screen Display (FS403 only) ..... 85
5.4
Serial Control Port (R-Bus)................... 85
5.4.1
Data Transfer via Serial Interface .... 88
5.4.2
Serial Interface Read/Write
Examples....................................................... 88
5.4.2.1
Write to one control register .... 88
5.4.2.2
Write to two consecutive
control registers......................................... 89
5.4.2.3
Read from one control
register
89
5.4.2.4
Read from two consecutive
data registers ............................................ 89
5.5
Embedded Microprocessor................... 89
6.
Specifications ................................................ 90
6.1
Absolute Maximum Ratings .................. 90
6.2
Operating Conditions ............................ 91
6.3
Electrical Characteristics ...................... 92
6.4
Switching Characteristics ..................... 93
6.5
System Performance Characteristics ... 94
7.
Application Notes .......................................... 95
7.1
Circuit Example - PC ............................ 95
7.2
FS400 Design and Layout
Considerations................................................... 96
7.2.1
Video Input to A-D Converters ......... 96
7.2.2
Input ADC Phase Lock Loop ............ 96
7.2.3
Memory Clock Phase Lock Loop ..... 96
7.2.4
External SDRAM Interface ............... 96
7.2.5
HSYNC and VSYNC ........................ 96
7.2.6
Video Output Filters.......................... 97
7.2.7
Analog Power Supply Bypassing,
Filtering, and Isolation ................................... 97
7.2.8
Power and Ground ........................... 97
7.3
Interfacing to the FS400 in a Mixed
Voltage Environment ......................................... 98
7.3.1
5 to 3.3 Volt Translation ................... 98
7.3.2
SIO Bus Interfacing .......................... 98
8.
Mechanical Dimensions .............................. 101
8.1
100-Lead PQFP (KH) Package -
FS401LF .......................................................... 101
8.2
128-Lead PQFP Package, FS403 LF. 102
9.
Revision History .......................................... 103
10.
Ordering Information ............................... 104
10.1
Package Markings: ............................. 104
Tables
Table 1. Pin Designations (FS401, 100-pin
package)........................................................ 10
Table 2. Pin Designations (FS403, 128-pin
package)........................................................ 11
Table 3. Control Register Map .............................. 25
Table 4. Clock Connections ................................... 83
Table 5. Serial Port Addresses .............................. 88
Figures
Figure 1: External Scan Converter Block
Diagram............................................................7
Figure 2: Embedded Television Design Block
Diagram............................................................8
Figure 3: Deleted .....................................................8
Figure 4: Professional & Pro-Consumer Video
Design Block Diagram .....................................9
Figure 5. Functional Block Diagram ......................75
Figure 6. FAZE Sets ADCK Sampling Edge on
Incoming Pixels ..............................................77
Figure 7: BiPGEN Image .......................................77
Figure 8: Two Dimensional Flicker Filter
Response (FLK=0,4,8,12,16,20; SHP=0) ......79
Figure 9: FLK = 16, SHP = 8; Response at
Horizontal, 14, 27, 45 Degrees ......................79
Figure 10: FLK = 16, SHP = 16; Response at
Horizontal, 14, 27, 45 Degrees ......................80
Figure 11. Timing Parameter Definition, SDRAM
Interface .........................................................81
Figure 12. Input Offset and Size Definitions ..........82
Figure 13. Output Horizontal and Vertical Offset
Definitions ......................................................82
Figure 14. Zoomed image showing offsets............83
Figure 15. RREF and VTIN Setup..............................85
Figure 16. Serial Port Read/Write Timing..............86
Figure 17. Serial Interface – Typical Byte
Transfer ..........................................................86
Figure 18. 7-bit Slave Address with Read/Write\
Bit ...................................................................87
Figure 19. 10-bit address transfer, upper two
bits..................................................................87
Figure 20. 10-bit address transfer, lower eight
bits..................................................................87
Figure 21. Video Filter Response ..........................95
Figure 22. Video Filter Delay .................................95
Figure 23. 5 to 3.3 Volt Translation using a
Resistor ..........................................................98
Figure 24. 5 to 3.3 Volt Translation using a
MOSFET Q1 = BSS138, D1 = 1N4148..........98
Figure 25. SIO Translation Using Long-tail
Resistors D1 = 1N4148..................................99
Figure 26. SIO Translation Using Current
Mirrors D1 = 1N4148, Q1 = 2N3906, Q2 =
2N3904...........................................................99
Figure 27. SIO (Open Collector) Translation
using a MOSFET Q1 = BSS138 ..................100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com