Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS403 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
3
JANUARY 24, 2007
COPYRIGHT
© 1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
Contents
1.
Architectural Overview .................................... 5
1.1
Video Capture Engine............................. 5
1.2
Frame Store Memory Controller ............. 6
1.3
Video Encoder Engine ............................ 6
1.4
Serial Control Port .................................. 6
1.5
Typical System Configurations ............... 7
1.5.1
External Scan Converter .................... 7
1.5.2
Embedded Television Interface.......... 8
1.5.3
Deleted ............................................... 8
1.5.4
Professional and Pro-Consumer
Video Designs ................................................. 9
2.
Pin Assignments............................................ 10
2.1
100-Lead PQFP Package (FS401)....... 10
2.2
128-Lead PQFP Package (FS403)....... 11
3.
Pin Descriptions ............................................ 12
4.
Control Register Definitions........................... 17
4.1
Control Register Functions ................... 17
4.2
Internal Micro-Controller
Programming ..................................................... 18
4.2.1
Input Calibration ............................... 18
4.2.1.1
Auto Input Calibration .............. 18
4.2.1.2
Manual Input Calibration.......... 19
4.2.1.3
Input Calibration Tables........... 20
4.2.2
Output Calibration ............................ 20
4.2.3
Zoom ................................................ 20
4.2.4
Panning ............................................ 21
4.2.5
Picture Control.................................. 21
4.2.6
Video Mode Changes....................... 22
4.2.7
By-passing the Internal Micro-
Controller ....................................................... 22
4.2.8
Special Internal Micro-Controller
SIO Requirements ......................................... 24
4.3
Disabling the Internal Micro-
Controller ........................................................... 24
4.4
Control Register Definitions.................. 25
4.5
Control Registers Definitions ................ 28
4.5.1
IHO - Input Horizontal Offset ............ 28
4.5.2
IVO - Input Vertical Offset ................ 29
4.5.3
IHAW - Horizontal Active Width ....... 30
4.5.4
ILS - Input Lines Stored.................... 31
4.5.5
IHS - Input Horizontal Samples ........ 32
4.5.6
IHC - Input Horizontal Count ............ 33
4.5.7
IVC - Input Vertical Count................. 34
4.5.8
VSC – Vertical Scaling Coefficient ... 35
4.5.9
CR - Command Register .................. 36
4.5.10
SR – Status Register ................... 37
4.5.11
CRE – Command Register
Extended 38
4.5.12
Start Horizontal Active VGA......... 39
4.5.13
End Horizontal Active VGA .......... 40
4.5.14
Start Vertical Active VGA ............. 41
4.5.15
End Vertical Active VGA .............. 42
4.5.16
Active Video Threshold ................ 43
4.5.17
OHO - Output Horizontal Offset ... 44
4.5.18
OVO – Output Vertical Offset....... 45
4.5.19
HSC – Horizontal Scaling
Coefficient46
4.5.20
Contrast Coefficient ......................47
4.5.21
Brightness Coefficient...................48
4.5.22
Sharpness Coefficient ..................49
4.5.23
Flicker Filter Coefficient ................50
4.5.24
Color Saturation Coefficient..........51
4.5.25
General Purpose Outputs .............52
4.5.26
SCR – Software Control
Register
53
4.5.27
SSR – Software Status Register ..55
4.5.28
HCRS – Hardware Control
Register Shadow............................................56
4.5.29
HCRES – Hardware Control
Register Extended Shadow ...........................57
4.5.30
HPO – Horizontal Position
Offset
58
4.5.31
VPO – Vertical Position Offset......59
4.5.32
HSS – Horizontal Scale Step........60
4.5.33
VSS – Vertical Scale Step ............61
4.5.34
HPP – Horizontal Pan Position.....62
4.5.35
VPP – Vertical Pan Position .........63
4.5.36
TVP – TV Pixels............................64
4.5.37
TVL – TV Lines .............................65
4.5.38
CCR – Configuration Command
Register
66
4.5.39
CDR – Configuration Data
Register
67
4.5.40
HOHOS – Hardware Output
Horizontal Offset Shadow ..............................68
4.5.41
HOVOS – Hardware Output
Vertical Offset Shadow...................................69
4.6
Configuration Values .............................70
Addr ....................................................................70
5.
Functional Description ...................................75
5.1
Capture Engine .....................................75
5.1.1
Timing and Control............................75
5.1.2
Clamps ..............................................76
5.1.3
Analog-to-Digital Converters.............76
5.1.4
24-bit Digital RGB Port (FS403
only)
77
5.1.5
Built In Pattern Generator .................77
5.1.6
Digital RGB Multiplexer .....................78
5.1.7
RGB Gain..........................................78
5.1.8
RGB/YUV Matrix ...............................78
5.1.9
Vertical Scaler ...................................78
5.1.10
Flicker Filter ..................................78
5.2
Frame Store Controller..........................80
5.2.1
SDRAM Interface ..............................81
5.2.2
Phase Locked Loop ..........................81
5.2.3
Input Offset and Size Control............81
5.2.4
Output Offset and Size Control .........82
5.2.5
Freeze Frame....................................82
5.2.6
Zoom .................................................83
5.3
Encoder Engine .....................................83
5.3.1
Timing and Control............................83
5.3.2
Horizontal Scaler...............................84
5.3.3
Digital Video Encoder .......................84
5.3.4
YUV/RGB Matrix ...............................84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com