Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 57Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 58Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 59Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 60Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 61Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
58
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.30 HPO – Horizontal Position Offset
Horizontal Position Offset Low (68)
7
6
5
4
3
2
1
0
HPO7
HPO6
HPO5
HPO4
HPO3
HPO2
HPO1
HPO0
Horizontal Position Offset High (69)
7
6
5
4
3
2
1
0
HPO15
HPO14
HPO13
HPO12
HPO11
HPO10
HPO9
HPO8
Description:
This offsets the horizontal position of the input capture window. A positive number moves the capture
widow to the right and a negative number moves the input capture window to the left.
HPO only has meaning if the ZOOM bit in HCRES is 0.
If the value written to HPO is beyond the internally calculated limit, the maximum (or minimum in case of
a negative number) will be written back to the HPO register. An external processor can then read HPO to
determine if the last value written to HPO was beyond the limit.
NOTE: It can take up to 25ms for the internal micro-controller calculates the limits for HPO, VPO, HSS,
VSS, HPP, and VPP. These registers should not be read until 10ms after writing to any of these registers.
Range: {-32768 : +32767} 2’s Complement
Reset Value:
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com