Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403 Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # FS403
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403 Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button FS403 Datasheet HTML 94Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 95Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 96Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 97Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 98Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 99Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 100Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 101Page - List of Unclassifed Manufacturers FS403 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
98
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
7.3 Interfacing to the FS400 in a Mixed Voltage Environment
As many devices designed today, the FS400 is powered by +3.3 Volts. However, 5 Volt devices are still
very common today and will continue to be used for some time in the future. To meet this interface
requirement the FS400 has 5 Volt tolerant inputs. Unfortunately, the FS400 does not have 5 Volt tolerant
outputs. When a bi-directional I/O pin is used on the FS400, care must be taken when driving the device.
7.3.1 5 to 3.3 Volt Translation
A series resistor is the simplest way to safely drive an I/O pin of the FS400 . This input resistor limits the
input current to under the 10mA maximum limit when the input is raised towards the 5 Volt supply.
R1
270
FS400
+3.3V
5 Volt
Device
+5V
Figure 23. 5 to 3.3 Volt Translation using a Resistor
In applications where a series resistor limits the speed or the drive capability of the I/O, a pass gate can
be used instead of a resistor. The pass gate (Q1) provides a low impedance path between the devices
when the switching voltage is low and a high impedance path as the switching voltage approaches the
supply rail.
In the circuit below, D1 biases the gate of the MOSFET (Q1) down to 4.3 Volts so Q1 will turn off when its
input exceeds 3.3 Volts. This limits the high state input current, into the FS400, to under the 10mA
maximum value.
Note that the MOSFET source is connected to the lower supply device and the MOSFET drain is
connected to the higher supply device. This configuration reverse biases the MOSFET drain to bulk
diode in the high switching state.
Q1
FS400
+3.3V
5 Volt
Device
+5V
R1
3.9K
D1
Figure 24. 5 to 3.3 Volt Translation using a MOSFET
Q1 = BSS138, D1 = 1N4148
7.3.2 SIO Bus Interfacing
The SIO bus was developed previous to 3.3V logic processes. The SIO bus input voltage specification is
1.5 Volts for VIL and 3.0 Volts for VIH. The FS400 is built on a 3.3 Volt process and has 5 Volt tolerant
inputs with a VIL of 0.8 Volts and a VIH of 2.0 Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com