Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 69 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 69 Page - Intel Corporation

Back Button 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation 915GL Datasheet HTML 67Page - Intel Corporation 915GL Datasheet HTML 68Page - Intel Corporation 915GL Datasheet HTML 69Page - Intel Corporation 915GL Datasheet HTML 70Page - Intel Corporation 915GL Datasheet HTML 71Page - Intel Corporation 915GL Datasheet HTML 72Page - Intel Corporation 915GL Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
69
4.1.3
PCICMD—PCI Command (D0:F0)
PCI Device:
0
Address Offset:
04h
Default Value:
0006h
Access:
RO, R/W
Size:
16 bits
Since (G)MCH Device 0 does not physically reside on Primary PCI bus, many of the bits are not
implemented.
Bit
Access &
Default
Description
15:10
Reserved
9
RO
0b
Fast Back-to-Back Enable (FB2B). This bit controls whether or not the master
can do fast back-to-back write. Since device 0 is strictly a target this bit is not
implemented and is hardwired to 0.
8
R/W
0b
SERR Enable (SERRE). This bit is a global enable bit for Device 0 SERR
messaging. The (G)MCH does not have a SERR signal. The (G)MCH
communicates the SERR condition by sending an SERR message over DMI to
the ICH6.
1 = Enable. The (G)MCH is enabled to generate SERR messages over DMI for
specific Device 0 error conditions that are individually enabled in the
ERRCMD register. The error status is reported in the ERRSTS, and PCISTS
registers. If SERRE is clear, then the SERR message is not generated by the
(G)MCH for Device 0.
0 = Disable
Note: That this bit only controls SERR messaging for the Device 0. Device 1 has
its own SERRE bits to control error reporting for error conditions occurring in that
device. The control bits are used in a logical OR manner to enable the SERR
DMI message mechanism.
7
RO
0b
Address/Data Stepping Enable (ADSTEP). Hardwired to 0.
6
RO
0b
Parity Error Enable (PERRE). PERR# is not implemented by the (G)MCH and
this bit is hardwired to 0.
5
RO
0b
VGA Palette Snoop Enable (VGASNOOP). Hardwired to a 0.
4
RO
0b
Memory Write and Invalidate Enable (MWIE). The (G)MCH will never issue
memory write and invalidate commands. This bit is therefore hardwired to 0.
3
RO
0b
Reserved
2
RO
1b
Bus Master Enable (BME). The (G)MCH is always enabled as a master. This bit
is hardwired to a "1".
1
RO
1b
Memory Access Enable (MAE). The (G)MCH always allows access to main
memory. This bit is not implemented and is hardwired to 1.
0
RO
0b
I/O Access Enable (IOAE). Hardwired to a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com