Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 8 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 8 Page - Intel Corporation

Back Button 915GL Datasheet HTML 4Page - Intel Corporation 915GL Datasheet HTML 5Page - Intel Corporation 915GL Datasheet HTML 6Page - Intel Corporation 915GL Datasheet HTML 7Page - Intel Corporation 915GL Datasheet HTML 8Page - Intel Corporation 915GL Datasheet HTML 9Page - Intel Corporation 915GL Datasheet HTML 10Page - Intel Corporation 915GL Datasheet HTML 11Page - Intel Corporation 915GL Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 426 page
background image
R
8
Datasheet
10.1.17 MCAPPTR—Mirror of Dev0 Capability Pointer (D2:F1)
(Mirrored_D0_34) ............................................................................... 200
10.1.18 MCAPID—Mirror of Dev0 Capability Identification (D2:F1)
(Mirrored_D0_E0) ............................................................................... 200
10.1.19 MGGC—Mirror of Dev0 GMCH Graphics Control (D2:F1)
(Mirrored_D0_52) ............................................................................... 200
10.1.20 MDEVENdev0f0—Mirror of Dev0 Device Enable (D2:F1)
(Mirrored_D0_54) ............................................................................... 201
10.1.21 BSM—Base of Stolen Memory Register (D2:F1) ............................... 201
10.1.22 PMCAPID—Power Management Capabilities ID (D2:F1).................. 201
10.1.23 PMCAP—Power Management Capabilities (D2:F1) .......................... 201
10.1.24 PMCS—Power Management Control/Status (D2:F1) ........................ 202
10.1.25 SWSMI—Software SMI (D2:F1) ......................................................... 202
10.1.26 ASLS—ASL Storage (D2:F1) ............................................................. 203
10.2
Device 2 – PCI I/O Registers ............................................................................. 204
10.2.1
MMIO_INDEX—MMIO Address Register........................................... 204
10.2.2
MMIO_DATA—MMIO Data Register .................................................. 204
11
System Address Map ...................................................................................................... 205
11.1
Legacy Address Range ...................................................................................... 207
11.1.1
DOS Range (0h – 9_FFFFh) .............................................................. 208
11.1.2
Legacy Video Area (A_0000h–B_FFFFh) .......................................... 208
11.1.3
Expansion Area (C_0000h–D_FFFFh)............................................... 209
11.1.4
Extended System BIOS Area (E_0000h–E_FFFFh) .......................... 210
11.1.5
System BIOS Area (F_0000h–F_FFFFh)........................................... 210
11.1.6
Programmable Attribute Map (PAM) Memory Area Details................ 210
11.2
Main Memory Address Range (1 MB to TOLUD) .............................................. 211
11.2.1
ISA Hole (15 MB–16 MB) ................................................................... 211
11.2.2
TSEG .................................................................................................. 212
11.2.3
Pre-allocated Memory......................................................................... 212
11.3
PCI Memory Address Range (TOLUD – 4 GB) ................................................. 212
11.3.1
APIC Configuration Space (FEC0_0000h-FECF_FFFFh) ................. 214
11.3.2
HSEG (FEDA_0000h–FEDB_FFFFh) ................................................ 214
11.3.3
FSB Interrupt Memory Space (FEE0_0000–FEEF_FFFF) ................ 214
11.3.4
High BIOS Area .................................................................................. 214
11.3.5
PCI Express* Configuration Address Space (Intel
® 82915G/82915P
Only) ................................................................................................... 215
11.3.6
PCI Express* Graphics Attach (Intel
® 82915G/82915P Only)............ 215
11.3.7
AGP DRAM Graphics Aperture .......................................................... 215
11.3.8
Graphics Memory Address Ranges (Intel
®
82915G/82915GV/82915GL/82910GL GMCH Only) ......................... 216
11.4
System Management Mode (SMM) ................................................................... 216
11.4.1
SMM Space Definition ........................................................................ 217
11.4.2
SMM Space Restrictions .................................................................... 217
11.4.3
SMM Space Combinations ................................................................. 218
11.4.4
SMM Control Combinations................................................................ 218
11.4.5
SMM Space Decode and Transaction Handling ................................ 219
11.4.6
Processor WB Transaction to an Enabled SMM Address Space ...... 219
11.4.7
SMM Access through GTT TLB (Intel
® 82915G/82915GV/82910GL
GMCH Only) ....................................................................................... 219
11.4.8
Memory Shadowing ............................................................................ 219
11.4.9
I/O Address Space.............................................................................. 220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com