Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 35 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 35 Page - Intel Corporation

Back Button 915GL Datasheet HTML 31Page - Intel Corporation 915GL Datasheet HTML 32Page - Intel Corporation 915GL Datasheet HTML 33Page - Intel Corporation 915GL Datasheet HTML 34Page - Intel Corporation 915GL Datasheet HTML 35Page - Intel Corporation 915GL Datasheet HTML 36Page - Intel Corporation 915GL Datasheet HTML 37Page - Intel Corporation 915GL Datasheet HTML 38Page - Intel Corporation 915GL Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 426 page
background image
Signal Description
R
Datasheet
35
2.1
Host Interface Signals
Note:
Unless otherwise noted, the voltage level for all signals in this interface is tied to the termination
voltage of the Host Bus (VTT).
Signal Name
Type
Description
HADS#
I/O
GTL+
Address Strobe: The processor bus owner asserts HADS# to indicate the
first of two cycles of a request phase. The (G)MCH can assert this signal for
snoop cycles and interrupt messages.
HBNR#
I/O
GTL+
Block Next Request: This signal is used to block the current request bus
owner from issuing new requests. This signal is used to dynamically control
the processor bus pipeline depth.
HBPRI#
O
GTL+
Priority Agent Bus Request: The (G)MCH is the only Priority Agent on the
processor bus. It asserts this signal to obtain the ownership of the address
bus. This signal has priority over symmetric bus requests and will cause the
current symmetric owner to stop issuing new transactions unless the
HLOCK# signal was asserted.
HBREQ0#
I/O
GTL+
Bus Request 0: The (G)MCH pulls the processor’s bus HBREQ0# signal
low during HCPURST#. The processor samples this signal on the active-to-
inactive transition of HCPURST#. The minimum setup time for this signal is
4 HCLKs. The minimum hold time is 2 clocks and the maximum hold time is
20 HCLKs. HBREQ0# should be tristated after the hold time requirement
has been satisfied.
HCPURST#
O
GTL+
CPU Reset: The HCPURST# pin is an output from the (G)MCH. The
(G)MCH asserts HCPURST# while RSTIN# is asserted and for
approximately 1 ms after RSTIN# is de-asserted. The HCPURST# allows
the processors to begin execution in a known state.
Note that the Intel
® ICH6 must provide processor frequency select strap set-
up and hold times around HCPURST#. This requires strict synchronization
between (G)MCH HCPURST# de-assertion and the Intel® ICH6 driving the
straps.
HDBSY#
I/O
GTL+
Data Bus Busy: This signal is used by the data bus owner to hold the data
bus for transfers requiring more than one cycle.
HDEFER#
O
GTL+
Defer: Signals that the (G)MCH will terminate the transaction currently
being snooped with either a deferred response or with a retry response.
HDINV[3:0]#
I/O
GTL+
Dynamic Bus Inversion: Driven along with the HD[63:0] signals. Indicates
if the associated signals are inverted or not. HDINV[3:0]# are asserted such
that the number of data bits driven electrically low (low voltage) within the
corresponding 16 bit group never exceeds 8.
HDINVx#
Data Bits
HDINV3#
HD[63:48]
HDINV2#
HD[47:32]
HDINV1#
HD[31:16]
HDINV0#
HD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com