Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 45 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 45 Page - Intel Corporation

Back Button 915GL Datasheet HTML 41Page - Intel Corporation 915GL Datasheet HTML 42Page - Intel Corporation 915GL Datasheet HTML 43Page - Intel Corporation 915GL Datasheet HTML 44Page - Intel Corporation 915GL Datasheet HTML 45Page - Intel Corporation 915GL Datasheet HTML 46Page - Intel Corporation 915GL Datasheet HTML 47Page - Intel Corporation 915GL Datasheet HTML 48Page - Intel Corporation 915GL Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 426 page
background image
Signal Description
R
Datasheet
45
Signal Name
Type
Description
SDVO_STALL-
I
PCIE
Serial Digital Video Field Stall Complement. This signal is
multiplexed with EXP_RXN2.
SDVO_STALL+
I
PCIE
Serial Digital Video Field Stall.. This signal is multiplexed with
EXP_RXP2.
SDVO_CTRLCLK
I/O
COD
Serial Digital Video Device Control Clock.
SDVO_CTRLDATA
I/O
COD
Serial Digital Video Device Control Data.
This signal also provides a strapping option. Device 1 (Host-PCI
Express Bridge) is disabled on Reset when the SDVO Presence
strap (SDVO_CTLRDATA) is sampled high, and is enabled when
this signal is sampled low.
2.10
Power and Ground
Name
Voltage
Description
VCC
1.5 V
Core Power.
VTT
1.2 V
Processor System Bus Power.
VCC_EXP
1.5 V
PCI Express* and DMI Power.
VCCSM
1.8 V / 2.6 V
System Memory Power.
DDR2: VCCSM = 1.8 V
DDR: VCCSM = 2.6 V
VCC2
2.5 V
2.5 V CMOS Power.
VCCA_EXPPLL
1.5 V
PCI Express PLL Analog Power.
VCCA_DPLLA
1.5 V
Display PLL A Analog Power.
VCCA_DPLLB
1.5 V
Display PLL B Analog Power.
VCCA_HPLL
1.5 V
Host PLL Analog Power.
VCCA_SMPLL
1.5 V
System Memory PLL Analog Power.
VCCA_DAC
2.5 V
Display DAC Analog Power. This signal is on the
82915G/82915GV/82915GL/82910GL GMCH only.
VSS
0 V
Ground.
VSSA_DAC
0 V
Ground. This signal is on the 82915G/82915GV/82915GL/82910GL
GMCH only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com