Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 76 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 76 Page - Intel Corporation

Back Button 915GL Datasheet HTML 72Page - Intel Corporation 915GL Datasheet HTML 73Page - Intel Corporation 915GL Datasheet HTML 74Page - Intel Corporation 915GL Datasheet HTML 75Page - Intel Corporation 915GL Datasheet HTML 76Page - Intel Corporation 915GL Datasheet HTML 77Page - Intel Corporation 915GL Datasheet HTML 78Page - Intel Corporation 915GL Datasheet HTML 79Page - Intel Corporation 915GL Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
76
Datasheet
4.1.14
PCIEXBAR—PCI Express* Register Range Base Address
(D0:F0) (Intel
® 82915G/82915P/82915PL Only)
PCI Device:
0
Address Offset:
48h
Default Value:
E0000000h
Access:
R/W
Size:
32 bits
This is the base address for the PCI Express configuration space. This window of addresses
contains the 4 KB of configuration space for each PCI Express device that can potentially be part
of the PCI Express hierarchy associated with the (G)MCH. There is not actual physical memory
within this 256-MB window that can be addressed. Each PCI Express hierarchies require a PCI
Express BASE register. The (G)MCH supports one PCI Express hierarchy.
The 256 MB reserved by this register does not alias to any PCI 2.3 compliant memory-mapped
space. For example, MCHBAR reserves a 16-KB space and reserves a 4-KB space both outside of
PCIEXBAR space. They cannot be overlaid on the space reserved by PCIEXBAR for devices 0.
On reset, this register is disabled and must be enabled by writing a 1 to PCIEXBAREN [Dev 0,
offset 54h, bit 31]
If the PCI Express Base Address [bits 31:28] were set to Fh, an overlap with the High BIOS area,
APIC ranges would result. Software must guarantee that these ranges do not overlap. The PCI
Express Base Address cannot be less than the maximum address written to the Top of physical
memory register (TOLUD). If a system is populated with more than 3.5 GB, either the PCI
Express Enhanced Access mechanism must be disabled or the value in TOLUD must be reduced
to report that only 3.5 GB are present in the system to allow a value of Eh for the PCI Express
Base Address (assuming that all PCI 2.3 compatible configuration space fits above 3.75 GB).
Bit
Access &
Default
Description
31:28
R/W
Eh
PCI Express* Base Address: This field corresponds to bits 31 to 28 of the
base address for PCI Express enhanced configuration space.
BIOS will program this register resulting in a base address for a 256-MB block
of contiguous memory address space. Having control of those particular 4 bits
insures that this base address will be on a 256-MB boundary, above the lowest
256 MB and still within total addressable memory space, currently 4 GB.
The address used to access the PCI Express configuration space for a specific
device can be determined as follows:
PCI Express Base Address + Bus Number * 1 MB + Device Number * 32 KB +
Function Number * 4 KB
The address used to access the PCI Express configuration space for Device 1
in this component would be PCI Express Base Address + 0 * 1 MB + 1 * 32 KB
+ 0 * 4 KB = PCI Express Base Address + 32 KB. Remember that this
address is the beginning of the 4-KB space that contains both the PCI
compatible configuration space and the PCI Express extended configuration
space.
27:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com