Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 5 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 5 Page - Intel Corporation

  915GL Datasheet HTML 1Page - Intel Corporation 915GL Datasheet HTML 2Page - Intel Corporation 915GL Datasheet HTML 3Page - Intel Corporation 915GL Datasheet HTML 4Page - Intel Corporation 915GL Datasheet HTML 5Page - Intel Corporation 915GL Datasheet HTML 6Page - Intel Corporation 915GL Datasheet HTML 7Page - Intel Corporation 915GL Datasheet HTML 8Page - Intel Corporation 915GL Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 426 page
background image
R
Datasheet
5
5.1.12
C1DRB1—Channel B DRAM Rank Boundary Address 1 .................. 106
5.1.13
C1DRB2—Channel B DRAM Rank Boundary Address 2 .................. 106
5.1.14
C1DRB3—Channel B DRAM Rank Boundary Address 3 .................. 106
5.1.15
C1DRA0—Channel B DRAM Rank 0,1 Attribute ............................... 106
5.1.16
C1DRA2—Channel B DRAM Rank 2,3 Attribute ............................... 107
5.1.17
C1DCLKDIS—Channel B DRAM Clock Disable ................................ 107
5.1.18
C1BNKARC—Channel B Bank Architecture ...................................... 107
5.1.19
C1DRT1—Channel B DRAM Timing Register 1 ................................ 107
5.1.20
C1DRC0—Channel B DRAM Controller Mode 0 ............................... 107
5.1.21
PMCFG—Power Management Configuration .................................... 108
5.1.22
PMSTS—Power Management Status ................................................ 108
6
EPBAR Registers—Egress Port Register Summary ...................................................... 109
6.1
EP RCRB Configuration Register Details .......................................................... 109
6.1.1
EPESD—EP Element Self Description............................................... 110
6.1.2
EPLE1D—EP Link Entry 1 Description .............................................. 111
6.1.3
EPLE1A—EP Link Entry 1 Address.................................................... 111
6.1.4
EPLE2D—EP Link Entry 2 Description .............................................. 112
6.1.5
EPLE2A—EP Link Entry 2 Address.................................................... 113
7
DMIBAR Registers—Direct Media Interface (DMI) RCRB ............................................. 115
7.1
Direct Media Interface (DMI) RCRB Register Details ........................................ 116
7.1.1
DMIVCECH—DMI Virtual Channel Enhanced Capability Header ..... 116
7.1.2
DMIPVCCAP1—DMI Port VC Capability Register 1 .......................... 116
7.1.3
DMIPVCCAP2—DMI Port VC Capability Register 2 .......................... 117
7.1.4
DMIPVCCTL—DMI Port VC Control .................................................. 117
7.1.5
DMIVC0RCAP—DMI VC0 Resource Capability ................................ 118
7.1.6
DMIVC0RCTL0—DMI VC0 Resource Control ................................... 119
7.1.7
DMIVC0RSTS—DMI VC0 Resource Status....................................... 120
7.1.8
DMIVC1RCAP—DMI VC1 Resource Capability ................................ 120
7.1.9
DMIVC1RCTL1—DMI VC1 Resource Control ................................... 121
7.1.10
DMIVC1RSTS—DMI VC1 Resource Status....................................... 121
7.1.11
DMILCAP—DMI Link Capabilities ...................................................... 122
7.1.12
DMILCTL—DMI Link Control .............................................................. 122
7.1.13
DMILSTS—DMI Link Status ............................................................... 123
8
Host-PCI Express* Bridge Registers (D1:F0) (Intel
® 82915G/82915P/82915PL Only) 125
8.1
Host-PCI Express* Bridge PCI Register Details (D1:F0) ................................... 128
8.1.1
VID1—Vendor Identification (D1:F0) .................................................. 128
8.1.2
DID1—Device Identification (D1:F0) .................................................. 128
8.1.3
PCICMD1—PCI Command (D1:F0) ................................................... 129
8.1.4
PCISTS1—PCI Status (D1:F0)........................................................... 130
8.1.5
RID1—Revision Identification (D1:F0)................................................ 132
8.1.6
CC1—Class Code (D1:F0) ................................................................. 132
8.1.7
CL1—Cache Line Size (D1:F0) .......................................................... 133
8.1.8
HDR1—Header Type (D1:F0) ............................................................ 133
8.1.9
PBUSN1—Primary Bus Number (D1:F0) ........................................... 133
8.1.10
SBUSN1—Secondary Bus Number (D1:F0) ...................................... 134
8.1.11
SUBUSN1—Subordinate Bus Number (D1:F0) ................................. 134
8.1.12
IOBASE1—I/O Base Address (D1:F0) ............................................... 135
8.1.13
IOLIMIT1—I/O Limit Address (D1:F0) ................................................ 135
8.1.14
SSTS1—Secondary Status (D1:F0) ................................................... 136
8.1.15
MBASE1—Memory Base Address (D1:F0)........................................ 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com