Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 64 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 64 Page - Intel Corporation

Back Button 915GL Datasheet HTML 60Page - Intel Corporation 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation 915GL Datasheet HTML 67Page - Intel Corporation 915GL Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 426 page
background image
Register Description
R
64
Datasheet
Bit
Access
&
Default
Description
15:11
R/W
00h
Device Number: This field selects one agent on the PCI bus selected by the Bus
Number. When the Bus Number field is “00”, the (G)MCH decodes the Device
Number field. The (G)MCH is always Device Number 0 for the Host bridge entity,
Device Number 1 for the Host-PCI Express entity. Therefore, when the
Bus Number =0 and the Device Number equals 0, 1, or 2 the internal (G)MCH
devices are selected.
This field is mapped to byte 6 [7:3] of the request header format during PCI
Express Configuration cycles and A [15:11] during the DMI configuration cycles.
10:8
R/W
000b
Function Number: This field allows the configuration registers of a particular
function in a multi-function device to be accessed. The (G)MCH ignores
configuration cycles to its internal devices if the function number is not equal to 0
or 1.
This field is mapped to byte 6 [2:0] of the request header format during PCI
Express Configuration cycles and A[10:8] during the DMI configuration cycles.
7:2
R/W
00h
Register Number: This field selects one register within a particular Bus, Device,
and Function as specified by the other fields in the Configuration Address
Register.
This field is mapped to byte 7 [7:2] of the request header format during PCI
Express Configuration cycles and A[7:2] during the DMI Configuration cycles.
1:0
Reserved
3.4.2
CONFIG_DATA—Configuration Data Register
I/O Address:
0CFCh
Default Value:
00000000h
Access:
R/W
Size:
32 bits
CONFIG_DATA is a 32-bit read/write window into configuration space. The portion of
configuration space that is referenced by CONFIG_DATA is determined by the contents of
CONFIG_ADDRESS.
Bit
Access &
Default
Description
31:0
R/W
0000 0000h
Configuration Data Window (CDW): If bit 31 of CONFIG_ADDRESS is 1, any
I/O access to the CONFIG_DATA register will produce a configuration
transaction using the contents of CONFIG_ADDRESS to determine the bus,
device, function, and offset of the register to be accessed.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com