Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 41 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 41 Page - Intel Corporation

Back Button 915GL Datasheet HTML 37Page - Intel Corporation 915GL Datasheet HTML 38Page - Intel Corporation 915GL Datasheet HTML 39Page - Intel Corporation 915GL Datasheet HTML 40Page - Intel Corporation 915GL Datasheet HTML 41Page - Intel Corporation 915GL Datasheet HTML 42Page - Intel Corporation 915GL Datasheet HTML 43Page - Intel Corporation 915GL Datasheet HTML 44Page - Intel Corporation 915GL Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 426 page
background image
Signal Description
R
Datasheet
41
2.5
PCI Express* x16 Graphics Port Signals (Intel
®
82915G, 82915P, 82915PL Only)
Unless otherwise specified, PCI Express Graphics signals are AC coupled, so the only voltage
specified is a maximum 1.2 V differential swing.
Signal Name
Type
Description
EXP_RXN[15:0]
EXP_RXP[15:0]
I/O
PCIE
PCI Express Graphics Receive Differential Pair
EXP_TXN[15:0]
EXP_TXP[15:0]
O
PCIE
PCI Express Graphics Transmit Differential Pair
EXP_COMPO
I
A
PCI Express Graphics Output Current Compensation
Note: EXP_COMP0 is used for DMI current compensation.
EXP_COMPI
I
A
PCI Express Graphics Input Current Compensation
Note: EXP_COMPI is used for DMI current compensation.
EXP_SLR
I
CMOS
PCI Express* Static Lane Reversal: The (G)MCH’s PCI Express lane
numbers are reversed. For example, the (G)MCH PCI Express interface
signals can be configured as follows:
Normal
Lane
Ball
Operation
Reversed
C10
EXP_TXP0
EXP_TXP15
A9
EXP_TXP1
EXP_TXP14
…
…
…
N3
EXP_TXP14…
EXP_TXP1…
P1
EXP_TXP15
EXP_TXP0
0 = (G)MCH’s PCI Express lane numbers are reversed
1 = Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com