Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 91 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 91 Page - Intel Corporation

Back Button 915GL Datasheet HTML 87Page - Intel Corporation 915GL Datasheet HTML 88Page - Intel Corporation 915GL Datasheet HTML 89Page - Intel Corporation 915GL Datasheet HTML 90Page - Intel Corporation 915GL Datasheet HTML 91Page - Intel Corporation 915GL Datasheet HTML 92Page - Intel Corporation 915GL Datasheet HTML 93Page - Intel Corporation 915GL Datasheet HTML 94Page - Intel Corporation 915GL Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
91
4.1.28
ESMRAMC—Extended System Management RAM Control
(D0:F0)
PCI Device:
0
Address Offset:
9Eh
Default Value:
00h
Access:
R/W/L, RO
Size:
8 bits
The Extended SMRAM register controls the configuration of Extended SMRAM space. The
Extended SMRAM (E_SMRAM) memory provides a write-back cacheable SMRAM memory
space that is above 1 MB.
Bit
Access &
Default
Description
7
R/W/L
0b
Enable High SMRAM (H_SMRAME): This bit controls the SMM memory space
location (i.e., above 1 MB or below 1 MB). When G_SMRAME is 1 and H_SMRAME
is 1, the high SMRAM memory space is enabled. SMRAM accesses within the range
0FEDA0000h to 0FEDBFFFFh are remapped to DRAM addresses within the range
000A0000h to 000BFFFFh. Once D_LCK has been set, this bit becomes read only.
6
R/W/C
0b
Invalid SMRAM Access (E_SMERR): This bit is set when the processor has
accessed the defined memory ranges in Extended SMRAM (High Memory and T-
segment) while not in SMM space and with the D-OPEN bit = 0. It is software’s
responsibility to clear this bit. The software must write a 1 to this bit to clear it.
5
RO
1b
SMRAM Cacheable (SM_CACHE): This bit is forced to 1 by the (G)MCH .
4
RO
1b
L1 Cache Enable for SMRAM (SM_L1): This bit is forced to 1 by the (G)MCH.
3
RO
1b
L2 Cache Enable for SMRAM (SM_L2): This bit is forced to 1 by the (G)MCH.
2:1
R/W/L
00b
TSEG Size (TSEG_SZ): This field selects the size of the TSEG memory block if
enabled. Memory from the top of DRAM space is partitioned away so that it may
only be accessed by the processor interface and only then when the SMM bit is set
in the request packet. Non-SMM accesses to this memory region are sent to the
DMI when the TSEG memory block is enabled.
00 = 1-MB Tseg. (TOLUD – Graphics Stolen Memory Size – 1M) to (TOLUD –
Graphics Stolen Memory Size).
01 = 2-MB Tseg (TOLUD – Graphics Stolen Memory Size – 2M) to (TOLUD –
Graphics Stolen Memory Size).
10 = 8-MB Tseg (TOLUD – Graphics Stolen Memory Size – 8M) to (TOLUD –
Graphics Stolen Memory Size).
11 = Reserved.
Once D_LCK has been set, these bits become read only.
NOTE: References to Graphics Stolen Memory only apply to the
82915G/82915GV/82915GL/82910GL GMCH only.
0
R/W/L
0b
TSEG Enable (T_EN): This bit Enables SMRAM memory for Extended SMRAM
space only. When G_SMRAME =1 and TSEG_EN = 1, the TSEG is enabled to
appear in the appropriate physical address space. Note that once D_LCK is set, this
bit becomes read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com