Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 38 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 38 Page - Intel Corporation

Back Button 915GL Datasheet HTML 34Page - Intel Corporation 915GL Datasheet HTML 35Page - Intel Corporation 915GL Datasheet HTML 36Page - Intel Corporation 915GL Datasheet HTML 37Page - Intel Corporation 915GL Datasheet HTML 38Page - Intel Corporation 915GL Datasheet HTML 39Page - Intel Corporation 915GL Datasheet HTML 40Page - Intel Corporation 915GL Datasheet HTML 41Page - Intel Corporation 915GL Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 426 page
background image
Signal Description
R
38
Datasheet
2.2
DDR/DDR2 DRAM Channel A Interface
Note that the 82910GL, 82915GL, and 82915PL (G)MCH only supports DDR DRAM.
Signal Name
Type
Description
SCLK_A[5:0]
O
SSTL-
2/1.8
SDRAM Differential Clock: (3 per DIMM). SCLK_Ax and its
complement SCLK_Ax# signal make a differential clock pair output. The
crossing of the positive edge of SCLK_Ax and the negative edge of its
complement SCLK_Ax# are used to sample the command and control
signals on the SDRAM.
SCLK_A[5:0]#
O
SSTL-
2/1.8
SDRAM Complementary Differential Clock: (3 per DIMM) These are
the complementary differential DDR/DDR2 clock signals.
SCS_A[3:0]#
O
SSTL-
2/1.8
Chip Select: (1 per Rank) These signals select particular SDRAM
components during the active state. There is one chip select for each
SDRAM rank.
SMA_A[13:0]
O
SSTL-
2/1.8
Memory Address: These signals are used to provide the multiplexed
row and column address to the SDRAM
SBS_A[2:0]
O
SSTL-
2/1.8
Bank Select: These signals define which banks are selected within each
SDRAM rank
DDR2: 1-Gb technology is 8 banks.
DDR: 1-Gb technology is 4 banks. SBS_A[2] is not used.
SRAS_A#
O
SSTL-
2/1.8
Row Address Strobe: This signal is used with SCAS_A# and SWE_A#
(along with SCS_A#) to define the SDRAM commands.
SCAS_A#
O
SSTL-
2/1.8
Column Address Strobe: This signal is used with SRAS_A# and
SWE_A# (along with SCS_A#) to define the SDRAM commands.
SWE_A#
O
SSTL-
2/1.8
Write Enable: This signal is used with SCAS_A# and SRAS_A# (along
with SCS_A#) to define the SDRAM commands.
SDQ_A[63:0]
I/O
SSTL-
2/1.8
2x
Data Lines: SDQ_A signals interface to the SDRAM data bus.
SDM_A[7:0]
O
SSTL-
2/1.8
2X
Data Mask: When activated during writes, the corresponding data
groups in the SDRAM are masked. There is one SDM_Ax signal for
every data byte lane.
SDQS_A[7:0]
I/O
SSTL-
2/1.8
2x
Data Strobes: For DDR, the rising and falling edges of SDQS_Ax are
used for capturing data during read and write transactions. For DDR2,
SDQS_Ax and its complement SDQS_Ax# signal make up a differential
strobe pair. The data is captured at the crossing point of SDQS_Ax and
its complement SDQS_Ax# during read and write transactions.
SDQS_A[7:0]#
I/O
SSTL-1.8
2x
Data Strobe Complements (DDR2 only): These signals are the
complementary DDR2 strobe signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com