Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 34 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 34 Page - Intel Corporation

Back Button 915GL Datasheet HTML 30Page - Intel Corporation 915GL Datasheet HTML 31Page - Intel Corporation 915GL Datasheet HTML 32Page - Intel Corporation 915GL Datasheet HTML 33Page - Intel Corporation 915GL Datasheet HTML 34Page - Intel Corporation 915GL Datasheet HTML 35Page - Intel Corporation 915GL Datasheet HTML 36Page - Intel Corporation 915GL Datasheet HTML 37Page - Intel Corporation 915GL Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 426 page
background image
Signal Description
R
34
Datasheet
Figure 2-1. Intel
® (G)MCH Signal Interface Diagram
Signal_Info
SCS_A[3:0]#
SMA_A[13:0]
SBS_A[2:0]
SRAS_A#
SCAS_A#
SW E_A#
SDQ_A[63:0]
SDM_A[7:0]
SDQS_A[7:0], SDQS_A[7:0]#
SCKE_A[3:0]
SCLK_A[5:0], SCLK_A[5:0]#
SODT_A[3:0]
Processor
System
Bus
Interface
HA[31:3]#
HD[63:0]
HADS#
HBNR#
HBPRI#
HDBSY#
HDEFER#
HDRDY#
HEDRDY#
HHIT#
HHITM#
HLOCK#
HREQ[4:0]#
HPCREQ#
HTRDY#
HRS[2:0]#
HCPURST#
HBREQ0#
HDINV[3:0]#
HADSTB[1:0]#
HDSTBP[3:0]#, HDSTBN[3:0]#
BSEL[2:0]
HRCOMP
HSCOMP
HSWING
HVREF
System
Memory2
DDR/
DDR2
Channel
A
VCC
VTT
VCC_EXP
VCCSM
VCC2
VCCA_EXPPLL
VCCA_DPLLA
VCCA_DPLLB
VCCA_HPLL
VCCA_SMPLL
VSS
VCCA_DAC
VSSA_DAC
Voltage
Reference,
and Power
Intel®
SDVO
Device
Interface1
SDVOB_GREEN-, SDVOB_GREEN+
SDVOB_BLUE-, SDVOB_BLUE+
SDVOC_RED- / SDVOB_ALPHA-,
SDVOC_RED+ / SDVOB_ALPHA+
SDVOC_GREEN-, SDVOC_GREEN+
SDVOC_BLUE-, SDVOC_BLUE+
SDVOC_CLK-, SDVOC_CLK+
SDVO_TVCLKIN-, SDVO_TVCLKIN,
SDVOB_INT-, SDVOB_INT+
SDVOC_INT-, SDVOC_INT+
SDVO_STALL-, SDVO_STALL+
SDVO_CTRLCLK
SDVO_CTRLDATA
SRCOMP[1:0]
SOCOMP[1:0]
SM_SLEWIN[1:0]
SM_SLEWOUT[1:0]
SMVREF[1:0]
System
Memory2
DDR/DDR2
Ref./ Comp.
Analog
Display
HSYNC
VSYNC
RED, RED#
GREEN, GREEN#
BLUE, BLUE#
REFSET
DDC_CLK
DDC_DATA
PCI
Express
x16
Graphics
Port
EXP_RXN[15:0], EXP_RXP[15:0]
EXP_TXN[15:0], EXP_TXP[15:0]
EXP_COMPO
EXP_COMPI
EXP_SLR
SCS_B[3:0]#
SMA_B[13:0]
SBS_B[2:0]
SRAS_B#
SCAS_B#
SW E_B#
SDQ_B[63:0]
SDM_B[7:0]
SDQS_B[7:0], SDQS_B[7:0]#
SCKE_B[3:0]
SCLK_B[5:0], SCLK_B[5:0]#
SODT_B[3:0]
System
Memory2
DDR/
DDR2
Channel
B
HCLKP, HCLKN
GCLKP, GCLKN
DREFCLKN, DREFCLKP
RSTIN#
PWROK
EXTTS#
BSEL[2:0]
MTYPE
ICH_SYNC#
Clocks,
Reset, and
Misc.
Direct
Media
Interface
DMI_RXP[3:0], DMI_RXN[3:0]
DMI_TXP[3:0], DMI_TXN[3:0]
Intel®
82915G/
82915GV/
82910GL
Only
Intel®
82915G/
82915GV/
82910GL
Only
Note:
1. SDVO signals on the 82915G GMCH are multiplexed with the PCI Express x16 Graphics Port signals.
2. The 82910GL GMCH only supports DDR (not DDR2).
Intel®
82915G/
82915P
Only
Intel®
82915G/
82915GV/
82910GL
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com