Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 56 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 56 Page - Intel Corporation

Back Button 915GL Datasheet HTML 52Page - Intel Corporation 915GL Datasheet HTML 53Page - Intel Corporation 915GL Datasheet HTML 54Page - Intel Corporation 915GL Datasheet HTML 55Page - Intel Corporation 915GL Datasheet HTML 56Page - Intel Corporation 915GL Datasheet HTML 57Page - Intel Corporation 915GL Datasheet HTML 58Page - Intel Corporation 915GL Datasheet HTML 59Page - Intel Corporation 915GL Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 426 page
background image
Register Description
R
56
Datasheet
The (G)MCH contains the following PCI devices within a single physical component. The
configuration registers for the devices are mapped as devices residing on PCI bus 0.
• Device 0 – Host Bridge/DRAM Controller: Logically this appears as a PCI device residing
on PCI bus 0. Device 0 contains the standard PCI header registers, PCI Express base address
register, DRAM control (including thermal/throttling control), and configuration for the DMI
and other (G)MCH specific registers.
• Device 1– Host-PCI Express Bridge (82915G/82915P/82915PL (G)MCH only). Logically
this appears as a “virtual” PCI-to-PCI bridge residing on PCI bus 0 and is compliant with PCI
Express* Specification Revision 1.0a. Device 1 contains the standard PCI-to-PCI bridge
registers and the standard PCI Express/PCI configuration registers (including the PCI
Express memory address mapping). It also contains Isochronous and Virtual Channel
controls in the PCI Express extended configuration space.
• Device 2 – Internal Graphics Control (82915G/82915GV/82915GL/82910GL GMCH
only). Logically, this appears as a PCI device residing on PCI bus 0. Physically, device 2
contains the configuration registers for 3D, 2D, and display functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com