Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 59 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 59 Page - Intel Corporation

Back Button 915GL Datasheet HTML 55Page - Intel Corporation 915GL Datasheet HTML 56Page - Intel Corporation 915GL Datasheet HTML 57Page - Intel Corporation 915GL Datasheet HTML 58Page - Intel Corporation 915GL Datasheet HTML 59Page - Intel Corporation 915GL Datasheet HTML 60Page - Intel Corporation 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 426 page
background image
Register Description
R
Datasheet
59
3.3.3
Primary PCI and Downstream Configuration Mechanism
If the Bus Number in the CONFIG_ADDRESS is non-zero, and falls outside the range claimed
by the Host-PCI Express bridge (not between upper bound in device’s Subordinate Bus Number
register and lower bound in device’s Secondary Bus Number register), the (G)MCH would
generate a Type 1 DMI Configuration Cycle. This DMI configuration cycle will be sent over the
DMI.
If the cycle is forwarded to the Intel ICH6 via the DMI, the Intel ICH6 compares the non-zero
Bus Number with the Secondary Bus Number and Subordinate Bus Number registers of its PCI-
to-PCI bridges to determine if the configuration cycle is meant for ICH6 PCI Express ports one of
the Intel ICH6’s devices, the DMI, or a downstream PCI bus.
Figure 3-3. DMI Type 0 Configuration Address Translation
1
31
30
24 23
16 15
11 10
8 7
2 1
DMI_Typ0_Config
0
Reserved
Bus Number
Device
Number
Function
Double
Word
XX
1
31
30
24 23
16 15
11 10
87
21
0
Reserved
Bus Number
Device
Number
Function
Double
Word
00
OCFBh
DMI Type 0 Configuration Address Extension
Configuration Address
OCFAh
OCF9h
OCF8h
Figure 3-4. DMI Type 1 Configuration Address Translation
1
31
30
24 23
16 15
11 10
87
21
DMI_Typ1_Config
0
Reserved
Bus Number
Device
Number
Function
Double
Word
XX
1
31
30
24 23
16 15
11 10
87
21
0
Reserved
Bus Number
Device
Number
Function
Double
Word
00
OCFBh
DMI Type 1 Configuration Address Extension
Configuration Address
OCFAh
OCF9h
OCF8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com