Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 40 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 40 Page - Intel Corporation

Back Button 915GL Datasheet HTML 36Page - Intel Corporation 915GL Datasheet HTML 37Page - Intel Corporation 915GL Datasheet HTML 38Page - Intel Corporation 915GL Datasheet HTML 39Page - Intel Corporation 915GL Datasheet HTML 40Page - Intel Corporation 915GL Datasheet HTML 41Page - Intel Corporation 915GL Datasheet HTML 42Page - Intel Corporation 915GL Datasheet HTML 43Page - Intel Corporation 915GL Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 426 page
background image
Signal Description
R
40
Datasheet
Signal Name
Type
Description
SDQS_B[7:0]
I/O
SSTL-
2/1.8
2x
Data Strobes: For DDR the rising and falling edges of SDQS_Bx are
used for capturing data during read and write transactions. For DDR2,
SDQS_Bx and its complement SDQS_Bx# make up a differential strobe
pair. The data is captured at the crossing point of SDQS_Bx and its
complement SDQS_Bx# during read and write transactions.
SDQS_B[7:0]#
I/O
SSTL-1.8
2x
Data Strobe Complements (DDR2 only): These signals are the
complementary DDR2 Strobe signals.
SCKE_B[3:0]
O
SSTL-
2/1.8
Clock Enable: (1 per Rank) SCKE_B is used to initialize the SDRAMs
during power-up, to power-down SDRAM ranks, and to place all SDRAM
ranks into and out of self-refresh during Suspend-to-RAM.
SODT_B[3:0]
O
SSTL-1.8
On Die Termination (DDR2 only): Active On-die Termination Control
signals for DDR2 devices.
2.4
DDR/DDR2 DRAM Reference and Compensation
Note that the 82910GL, 82915GL, and 82915PL (G)MCH only supports DDR DRAM.
Signal Name
Type
Description
SRCOMP[1:0]
I/O
System Memory RCOMP
SOCOMP[1:0]
I/O
A
DDR2 On-Die DRAM Over Current Detection (OCD) driver
compensation (DDR2 only)
SM_SLEWIN[1:0]
I
A
Buffer Slew Rate Input: Slew Rate characterization buffer input for X
and Y orientation.
SM_SLEWOUT[1:0]
O
A
Buffer Slew Rate Output: Slew Rate characterization buffer output for X
and Y orientation
SMVREF[1:0]
I
A
SDRAM Reference Voltage: Reference voltage inputs for each DQ,
DM, DQS, and DQS# input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com