Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915GL Datasheet(PDF) 46 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 46 Page - Intel Corporation

Back Button 915GL Datasheet HTML 42Page - Intel Corporation 915GL Datasheet HTML 43Page - Intel Corporation 915GL Datasheet HTML 44Page - Intel Corporation 915GL Datasheet HTML 45Page - Intel Corporation 915GL Datasheet HTML 46Page - Intel Corporation 915GL Datasheet HTML 47Page - Intel Corporation 915GL Datasheet HTML 48Page - Intel Corporation 915GL Datasheet HTML 49Page - Intel Corporation 915GL Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 426 page
background image
Signal Description
R
46
Datasheet
2.11
Reset States and Pull-up/Pull-downs
This section describes the expected states of the (G)MCH I/O buffers during and immediately
after the assertion of RSTIN#. This table only refers to the contributions on the interface from the
(G)MCH and does not reflect any external influence (such as external pull-up/pull-down resistors
or external drivers).
Legend:
CMCT:
Common Mode Center Tapped. Differential signals are weakly driven to the common
mode central voltage.
DRIVE:
Strong drive (to normal value supplied by core logic if not otherwise stated)
TERM:
Normal termination devices are turned on
LV:
Low voltage
HV:
High voltage
IN:
Input buffer enabled
ISO:
Isolate input buffer so that it doesn’t oscillate if input left floating
TRI:
Tri-state
PU:
Weak internal pull-up
PD:
Weak internal pull-down
STRAP:
Strap input sampled during assertion or on the de-asserting edge of RSTIN#
Table 2-1. Host Interface Reset and S3 States
Interface
Signal Name
I/O
State During
RSTIN#
Assertion
State After
RSTIN# De-
assertion
S3
Pull-up/
Pull-down
Host I/F
HCPURST#
O
DRIVE LV
TERM HV after
approximately 1ms
TRI (No VTT)
HADSTB[1:0]#
I/O
TERM HV
TERM HV
TRI (No VTT)
HA[31:3]#
I/O
TERM HV
TERM HV
TRI (No VTT)
HD[63:0]
I/O
TERM HV
TERM HV
TRI (No VTT)
HDSTBP[3:0]#
I/O
TERM HV
TERM HV
TRI (No VTT)
HDSTBN[3:0]#
I/O
TERM HV
TERM HV
TRI (No VTT)
HDINV[3:0]#
I/O
TERM HV
TERM HV
TRI (No VTT)
HADS#
I/O
TERM HV
TERM HV
TRI (No VTT)
HBNR#
I/O
TERM HV
TERM HV
TRI (No VTT)
HBPRI#
O
TERM HV
TERM HV
TRI (No VTT)
HDBSY#
I/O
TERM HV
TERM HV
TRI (No VTT)
HDEFER#
O
TERM HV
TERM HV
TRI (No VTT)
HDRDY#
I/O
TERM HV
TERM HV
TRI (No VTT)
HEDRDY#
O
TERM HV
TERM HV
TRI (No VTT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com