Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 67 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 5000 Datasheet HTML 63Page - Intel Corporation 5000 Datasheet HTML 64Page - Intel Corporation 5000 Datasheet HTML 65Page - Intel Corporation 5000 Datasheet HTML 66Page - Intel Corporation 5000 Datasheet HTML 67Page - Intel Corporation 5000 Datasheet HTML 68Page - Intel Corporation 5000 Datasheet HTML 69Page - Intel Corporation 5000 Datasheet HTML 70Page - Intel Corporation 5000 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
67
Signal Definitions
TESTHI[11:0]
I
TESTHI[11:0] must be connected to a V
TT power source through a resistor for proper
processor operation. Refer to Section 2.6 for TESTHI grouping restrictions.
THERMDA
THERMDA2
Other
Thermal Diode Anode. THERMDA connects to processor core 0, THERMDA2 connects
to processor core 1. Refer to the appropriate platform design guidelines for
implementation details.
THERMDC
THERMDC2
Other
Thermal Diode Cathode. THERMDC connects to processor core 0. THERMDC2
connects to processor core 1. Refer to the appropriate platform design guidelines for
implementation details.
THERMTRIP#
O
Assertion of THERMTRIP# (Thermal Trip) indicates the processor junction
temperature has reached a temperature beyond which permanent silicon damage
may occur. Measurement of the temperature is accomplished through an internal
thermal sensor. Upon assertion of THERMTRIP#, the processor will shut off its
internal clocks (thus halting program execution) in an attempt to reduce the
processor junction temperature. To protect the processor its core voltage (VCC) must
be removed following the assertion of THERMTRIP#. Intel is currently evaluating
whether VTT must also be removed.
Driving of the THERMTRIP# signals is enabled within 10 ms of the assertion of
PWRGOOD and is disabled on de-assertion of PWRGOOD. Once activated,
THERMTRIP# remains latched until PWRGOOD is de-asserted. While the de-assertion
of the PWRGOOD signal will de-assert THERMTRIP#, if the processor’s junction
temperature remains at or above the trip level, THERMTRIP# will again be asserted
within 10 ms of the assertion of PWRGOOD.
1
TMS
I
TMS (Test Mode Select) is a JTAG specification support signal used by debug tools.
See the eXtended Debug Port: Debug Port Design Guide for UP and DP Platforms for
further information.
TRDY#
I
TRDY# (Target Ready) is asserted by the target to indicate that it is ready to receive
a write or implicit writeback data transfer. TRDY# must connect the appropriate pins
of all FSB agents.
TRST#
I
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST# must be driven
low during power on Reset.
VCCA
IVCCA provides isolated power for the analog portion of the internal processor core
PLL’s. Refer to the appropriate platform design guidelines for complete
implementation details.
VCCIOPLL
IVCCIOPLL provides isolated power for digital portion of the internal processor core
PLL’s. Follow the guidelines for VCCA, and refer to the appropriate platform design
guidelines for complete implementation details.
VCC_DIE_SENSE
VCC_DIE_SENSE2
O
VCC_DIE_SENSE and VCC_DIE_SENSE2 provide an isolated, low impedance
connection to each processor core power and ground. These signals should be
connected to the voltage regulator feedback signal, which insures the output voltage
(that is, processor voltage) remains within specification. Please see the applicable
platform design guide for implementation details.
VID[5:0]
O
VID[5:0] (Voltage ID) pins are used to support automatic selection of power supply
voltages (VCC). These are CMOS signals that are driven by the processor and must be
pulled up through a resistor. Conversely, the voltage regulator output must be
disabled prior to the voltage supply for these pins becomes invalid. The VID pins are
needed to support processor voltage specification variations. See Table 2-3 for
definitions of these pins. The VR must supply the voltage that is requested by these
pins, or disable itself.
VID_SELECT
O
VID_SELECT is an output from the processor which selects the appropriate VID table
for the Voltage Regulator. Dual-Core Intel Xeon Processor 5000 series pull this signal
to ground on the package as this signal is not connected to the processor die.
VSS_DIE_SENSE
VSS_DIE_SENSE2
O
VSS_DIE_SENSE and VSS_DIE_SENSE2 provide an isolated, low impedance
connection to each processor core power and ground. These signals should be
connected to the voltage regulator feedback signal, which insures the output voltage
(that is, processor voltage) remains within specification. Please see the applicable
platform design guide for implementation details.
VSSA
IVSSA provides an isolated, internal ground for internal PLL’s. Do not connect directly
to ground. This pin is to be connected to VCCA and VCCIOPLL through a discrete filter
circuit.
Table 5-1.
Signal Definitions (Sheet 7 of 8)
Name
Type
Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com