Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 22 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 5000 Datasheet HTML 18Page - Intel Corporation 5000 Datasheet HTML 19Page - Intel Corporation 5000 Datasheet HTML 20Page - Intel Corporation 5000 Datasheet HTML 21Page - Intel Corporation 5000 Datasheet HTML 22Page - Intel Corporation 5000 Datasheet HTML 23Page - Intel Corporation 5000 Datasheet HTML 24Page - Intel Corporation 5000 Datasheet HTML 25Page - Intel Corporation 5000 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Electrical Specifications
22
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
With the implementation of a source synchronous data bus comes the need to specify
two sets of timing parameters. One set is for common clock signals whose timings are
specified with respect to rising edge of BCLK0 (ADS#, HIT#, HITM#, and so forth) and
the second set is for the source synchronous signals which are relative to their
respective strobe lines (data and address) as well as rising edge of BCLK0.
Asynchronous signals are still present (A20M#, IGNNE#, and so forth) and can become
active at any time during the clock cycle. Table 2-6 identifies which signals are common
clock, source synchronous and asynchronous.
Notes:
1.
Refer to Section 5 for signal descriptions.
2.
These signals may be driven simultaneously by multiple agents (Wired-OR).
Table 2-6.
FSB Signal Groups
Signal Group
Type
Signals1
AGTL+ Common Clock Input
Synchronous to BCLK[1:0]
BPRI#, DEFER#, RESET#, RS[2:0]#, RSP#,
TRDY#
AGTL+ Common Clock I/O
Synchronous to BCLK[1:0]
ADS#, AP[1:0]#, BINIT#2, BNR#2,
BPM[5:0]#, BR[1:0]#, DBSY#, DP[3:0]#,
DRDY#, HIT#2, HITM#2, LOCK#, MCERR#2
AGTL+ Source Synchronous I/O
Synchronous to assoc.
strobe
AGTL+ Strobes I/O
Synchronous to BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
AGTL+ Asynchronous Output
Asynchronous
FERR#/PBE#, IERR#, PROCHOT#
GTL+ Asynchronous Input
Asynchronous
A20M#, FORCEPR#, IGNNE#, INIT#, LINT0/
INTR, LINT1/NMI, SMI#, STPCLK#
GTL+ Asynchronous Output
Asynchronous
THERMTRIP#
FSB Clock
Clock
BCLK1, BCLK0
TAP Input
Synchronous to TCK
TCK, TDI, TMS TRST#
TAP Output
Synchronous to TCK
TDO
Power/Other
Power/Other
BSEL[2:0], COMP[7:0], GTLREF_ADD_C[1:0],
GTLREF_DATA_C[1:0], LL_ID[1:0],
MS_ID[1:0], PWRGOOD, Reserved, SKTOCC#,
TEST_BUS, TESTHI[11:0], THERMDA,
THEMRDA2, THERMDC, THERMDC2, VCC, VCCA,
VCCIOPLL, VCC_DIE_SENSE, VCC_DIE_SENSE2,
VID[5:0], VID_SELECT, VSS_DIE_SENSE,
VSS_DIE_SENSE2, VSS, VSSA, VTT, VTTOUT,
VTTPWRGD
Signals
Associated Strobe
REQ[4:0]#,A[16:3]
#
ADSTB0#
A[35:17]#
ADSTB1#
D[15:0]#, DBI0#
DSTBP0#, DSTBN0#
D[31:16]#, DBI1#
DSTBP1#, DSTBN1#
D[47:32]#, DBI2#
DSTBP2#, DSTBN2#
D[63:48]#, DBI3#
DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com