Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 72 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 72 Page - Intel Corporation

Back Button 5000 Datasheet HTML 68Page - Intel Corporation 5000 Datasheet HTML 69Page - Intel Corporation 5000 Datasheet HTML 70Page - Intel Corporation 5000 Datasheet HTML 71Page - Intel Corporation 5000 Datasheet HTML 72Page - Intel Corporation 5000 Datasheet HTML 73Page - Intel Corporation 5000 Datasheet HTML 74Page - Intel Corporation 5000 Datasheet HTML 75Page - Intel Corporation 5000 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
Thermal Specifications
72
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
Notes:
1.
These values are specified at VCC_MAX for all processor frequencies. Systems must be designed to ensure
the processor is not to be subjected to any static VCC and ICC combination wherein VCC exceeds VCC_MAX at
specified ICC. Please refer to the loadline specifications in Chapter 2, “Electrical Specifications.”
2.
Thermal Design Power (TDP) should be used for processor thermal solution design targets. TDP is not the
maximum power that the processor can dissipate. TDP is measured at maximum TCASE.
3.
These specifications are based on final silicon validation/characterization.
4.
Power specifications are defined at all VIDs found in Table 2-10. The Dual-Core Intel Xeon Processor 5000
series may be shipped under multiple VIDs for each frequency.
5.
FMB, or Flexible Motherboard, guidelines provide a design target for meeting all planned processor
frequency requirements.
Table 6-3.
Dual-Core Intel Xeon Processor 5000 Series (1066 MHz) Thermal Profile B
Table
Power (W)
TCASE_MAX (° C)
Power (W)
TCASE_MAX (° C)
P_profile_min_B=22.3
50.0
80
65.0
30
52.0
85
66.3
35
53.3
90
67.6
40
54.6
95
68.9
45
55.9
100
70.2
50
57.2
105
71.5
55
58.5
110
72.8
60
59.8
115
74.1
65
61.1
120
75.4
70
62.4
125
76.7
75
63.7
130
78.0
Table 6-4.
Dual-Core Intel Xeon Processor 5000 Series (667 MHz) Thermal Specifications
Core Frequency
Thermal
Design Power
(W)
Minimum
TCASE
(°C)
Maximum TCASE
(°C)
Notes
Launch to FMB
95
5
Refer to Figure 6-2;
Table 6-5; Table 6-6
1, 2, 3, 4,
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com