Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 32 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 5000 Datasheet HTML 28Page - Intel Corporation 5000 Datasheet HTML 29Page - Intel Corporation 5000 Datasheet HTML 30Page - Intel Corporation 5000 Datasheet HTML 31Page - Intel Corporation 5000 Datasheet HTML 32Page - Intel Corporation 5000 Datasheet HTML 33Page - Intel Corporation 5000 Datasheet HTML 34Page - Intel Corporation 5000 Datasheet HTML 35Page - Intel Corporation 5000 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Electrical Specifications
32
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
maximum allowable overshoot above VID). These specifications apply to the processor
die voltage as measured across the VCC_DIE_SENSE and VSS_DIE_SENSE lands and
across the VCC_DIE_SENSE2 and VSS_DIE_SENSE2 lands.
Notes:
1.
VOS is the measured overshoot voltage above VID.
2.
TOS is the measured time duration above VID.
2.12.2
Die Voltage Validation
Core voltage (VCC) overshoot events at the processor must meet the specifications in
Table 2-17 when measured across the VCC_DIE_SENSE and VSS_DIE_SENSE lands
and across the VCC_DIE_SENSE2 and VSS_DIE_SENSE2 lands. Overshoot events that
are < 10 ns in duration may be ignored. These measurement of processor die level
overshoot should be taken with a 100 MHz bandwidth limited oscilloscope.
§
Table 2-17. VCC Overshoot Specifications
Symbol
Parameter
Min
Max
Units
Figure
Notes
VOS_MAX
Magnitude of VCC overshoot above VID
50
mV
2-5
TOS_MAX
Time duration of VCC overshoot above VID
25
µs
2-5
Figure 2-5. VCC Overshoot Example Waveform
Example Overshoot Waveform
0
5
10
15
20
25
Time [us]
VID - 0.000
VID + 0.050
VOS
TOS
TOS: Overshoot time above VID
VOS: Overshoot above VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com