Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 89 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 5000 Datasheet HTML 85Page - Intel Corporation 5000 Datasheet HTML 86Page - Intel Corporation 5000 Datasheet HTML 87Page - Intel Corporation 5000 Datasheet HTML 88Page - Intel Corporation 5000 Datasheet HTML 89Page - Intel Corporation 5000 Datasheet HTML 90Page - Intel Corporation 5000 Datasheet HTML 91Page - Intel Corporation 5000 Datasheet HTML 92Page - Intel Corporation 5000 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
89
Boxed Processor Specifications
8
Boxed Processor Specifications
8.1
Introduction
Intel boxed processors are intended for system integrators who build systems from
components available through distribution channels. The Dual-Core Intel® Xeon®
Processor 5000 series will be offered as an Intel boxed processor.
Intel will offer the Dual-Core Intel Xeon Processor 5000 series boxed processor with
two heat sink configurations available for each processor frequency: 1U passive/2U
active combination solution and a 2U passive only solution. The 1U passive/2U active
combination solution is based on a 1U passive heat sink with a removable fan that will
be pre-attached at shipping. This heat sink solution is intended to be used as either a
1U passive heat sink or a 2U+ active heat sink. Although the active combination
solution with removable fan mechanically fits into a 2U keepout, additional design
considerations may need to be addressed to provide sufficient airflow to the fan inlet.
The 1U passive/2U active combination solution in the active fan configuration is
primarily designed to be used in a pedestal chassis where sufficient air inlet space is
present and strong side directional airflow is not an issue. The 1U passive/active
combination solution with the fan removed and the 2U passive thermal solution require
the use of chassis ducting and are targeted for use in rack mount servers. The
retention solution used for these products is called the Common Enabling Kit, or CEK.
The CEK base is compatible with both thermal solutions and uses the same hole
locations as the Intel® Xeon® processor with 800 MHz FSB.
The 1U passive/active combination solution will utilize a removable fan with a 4-pin
pulse width modulated (PWM) T-diode control. Use of a 4-pin PWM T-diode controlled
active thermal solution helps customers meet acoustic targets in pedestal platforms
through the motherboards’s ability to directly control the RPM of the processor heat
sink fan. Please see Section 8.3 for more details. Figure 8-1 through Figure 8-3 are
representations of the two heat sink solutions.
Figure 8-1. Boxed Dual-Core Intel Xeon Processor 5000 Series 1U Passive/2U Active
Combination Heat Sink (With Removable Fan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com