Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 85 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 85 Page - Intel Corporation

Back Button 5000 Datasheet HTML 81Page - Intel Corporation 5000 Datasheet HTML 82Page - Intel Corporation 5000 Datasheet HTML 83Page - Intel Corporation 5000 Datasheet HTML 84Page - Intel Corporation 5000 Datasheet HTML 85Page - Intel Corporation 5000 Datasheet HTML 86Page - Intel Corporation 5000 Datasheet HTML 87Page - Intel Corporation 5000 Datasheet HTML 88Page - Intel Corporation 5000 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
85
Features
The Enhanced HALT state must be enabled by way of the BIOS for the processor to
remain within its specifications. The Enhanced HALT state requires support for dynamic
VID transitions in the platform.
7.2.3
Stop-Grant State
When the STPCLK# pin is asserted, the Stop-Grant state of the processor is entered 20
bus clocks after the response phase of the processor-issued Stop Grant Acknowledge
special bus cycle. Once the STPCLK# pin has been asserted, it may only be deasserted
once the processor is in the Stop Grant state. For the Dual-Core Intel Xeon Processor
5000 series, all logical processor cores will enter the Stop-Grant state once the
STPCLK# pin is asserted. Additionally, all logical cores must be in the Stop Grant state
before the deassertion of STPCLK#.
Since the AGTL+ signal pins receive power from the front side bus, these pins should
not be driven (allowing the level to return to VTT) for minimum power drawn by the
termination resistors in this state. In addition, all other input pins on the front side bus
should be driven to the inactive state.
BINIT# will not be serviced while the processor is in Stop-Grant state. The event will be
latched and can be serviced by software upon exit from the Stop Grant state.
Figure 7-1. Stop Clock State Machine
Enhanced HALT or HALT State
BCLK running
Snoops and interrupts allowed
Normal State
Normal execution
Enhanced HALT Snoop or HALT
Snoop State
BCLK running
Service snoops to caches
Stop Grant State
BCLK running
Snoops and interrupts allowed
Snoop
Event
Occurs
Snoop
Event
Serviced
INIT#, BINIT#, INTR, NMI, SMI#,
RESET#, FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop Event Occurs
Snoop Event Serviced
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
Stop Grant Snoop State
BCLK running
Service snoops to caches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com