Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 81 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 81 Page - Intel Corporation

Back Button 5000 Datasheet HTML 77Page - Intel Corporation 5000 Datasheet HTML 78Page - Intel Corporation 5000 Datasheet HTML 79Page - Intel Corporation 5000 Datasheet HTML 80Page - Intel Corporation 5000 Datasheet HTML 81Page - Intel Corporation 5000 Datasheet HTML 82Page - Intel Corporation 5000 Datasheet HTML 83Page - Intel Corporation 5000 Datasheet HTML 84Page - Intel Corporation 5000 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
81
Thermal Specifications
.
Notes:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in the diode model in Table 6-9.
3.
Characterized across a temperature range of 50-80°C.
4.
Not 100% tested. Specified by design characterization.
5.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as exemplified by the
equation for the collector current: IC = IS * (eqVBE/nQkT - 1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor based emitter
junction (same nodes as VD ), k = Boltzmann Constant, and T = absolute temperature (Kelvin).
6.
The series resistance, RT provided in Table 6-9 can be used for more accurate readings as needed.
Notes:
1.
See the Dual-Core Intel® Xeon® Processor 5000 Series Thermal/Mechanical Design Guidelines for more
information on how to use the Tdiode_Offset, Tdiode_Base and ntrim parameters for fan speed control.
§
Table 6-10. Thermal Diode Interface
Land Name
Land Number
Description
THERMDA
AL1
diode anode
THERMDC
AK1
diode cathode
THERMDA2
AJ7
diode anode
THERMDC2
AH7
diode cathode
Table 6-11. Thermal Diode Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
-
200
µA
1, 2
IE
Emitter Current
5
-
200
µA
nQ
Transistor Ideality
0.997
1.001
1.005
-
3, 4, 5
Beta
-
0.391
-
0.760
-
3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
3, 6
Table 6-12. Parameters for Tdiode Correction Factor
Symbol
Parameter
Typ
Unit
Notes
ntrim
Diode Ideality used to calculate
Tdiode_Offset
1.008
1
Tdiode_Base
0
°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com