Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 80 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 80 Page - Intel Corporation

Back Button 5000 Datasheet HTML 76Page - Intel Corporation 5000 Datasheet HTML 77Page - Intel Corporation 5000 Datasheet HTML 78Page - Intel Corporation 5000 Datasheet HTML 79Page - Intel Corporation 5000 Datasheet HTML 80Page - Intel Corporation 5000 Datasheet HTML 81Page - Intel Corporation 5000 Datasheet HTML 82Page - Intel Corporation 5000 Datasheet HTML 83Page - Intel Corporation 5000 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Thermal Specifications
80
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
between ntrim and the actual ideality of the particular processor will be calculated. This
value (Tdiode_Offset) will be programmed into the new diode correction MSR and then
added to the Tdiode_Base value can be used to correct temperatures read by diode
based temperature sensing devices.
If the ntrim value used to calculating Tdiode_Offset differs from the ntrim value used in a
temperature sensing device, the Terror(nf) may not be accurate. If desired, the
Tdiode_Offset can be adjusted by calculating nactual and then recalculating the offset
using the actual ntrim as defined in the temperature sensor manufacturers’ datasheet.
The parameters used to calculate the Thermal Diode (Tdiode) Correction Factor are
listed in Table 6-12. For Dual-Core Intel Xeon Processor 5000 series, the range of
Tdiode Correction Factor is ±14°C.
.
Notes:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Characterized across a temperature range of 50-80°C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode
equation: IFW = IS * (eqVD/nkT - 1)
Where IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann
Constant, and T = absolute temperature (Kelvin).
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the junction
temperature. RT, as defined, includes the lands of the processor but does not include any socket resistance
or board trace resistance between the socket and external remote diode thermal sensor. RT can be used by
remote diode thermal sensors with automatic series resistance cancellation to calibrate out this error term.
Another application is that a temperature offset can be manually calculated and programmed into an offset
register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q *ln N]
Where Terror=sensor temperature error, N=sensor current ratio, k=Boltzmann Constant, q=electronic
charge.
Table 6-9.
Thermal Diode Parameters using Diode Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
-
200
µA
1
n
Diode Ideality Factor
1.000
1.009
1.050
-
2, 3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
2, 3, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com