Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 27 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 5000 Datasheet HTML 23Page - Intel Corporation 5000 Datasheet HTML 24Page - Intel Corporation 5000 Datasheet HTML 25Page - Intel Corporation 5000 Datasheet HTML 26Page - Intel Corporation 5000 Datasheet HTML 27Page - Intel Corporation 5000 Datasheet HTML 28Page - Intel Corporation 5000 Datasheet HTML 29Page - Intel Corporation 5000 Datasheet HTML 30Page - Intel Corporation 5000 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
27
Electrical Specifications
11. Minimum VCC and maximum ICC are specified at the maximum processor case temperature (TCASE)
shown in Table 6-1.
12. This specification refers to the total reduction of the load line due to VID transitions below the specified
VID.
13. Individual processor VID values may be calibrated during manufacturing such that two devices at the same
frequency may have different VID settings.
14. Baseboard bandwidth is limited to 20 MHz.
15. ICC_TDC is the sustained (DC equivalent) current that the processor is capable of drawing indefinitely and
should be used for the voltage regulator temperature assessment. The voltage regulator is responsible for
monitoring its temperature and asserting the necessary signal to inform the processor of a thermal
excursion. Please see the applicable design guidelines for further details. The processor is capable of
drawing ICC_TDC indefinitely. Refer to Figure 2-2 and Figure 2-3 for further details on the average processor
current draw over various time durations. This parameter is based on design characterization and is not
tested.
16. This specification is per-processor. This is a steady-state ITT current specification, which is applicable when
both VTT and VCC are high. This parameter is based on design characterization and is not tested. Please
refer to the ITT Analysis of System Bus Components - Bensley Platform Whitepaper for platform
implementation guidance.
17. I
CC
_VTTOUT is specified at 1.2 V.
18.ICC_RESET is specified while PWRGOOD and RESET# are asserted.
19. This specification is per-processor. This is a power-up peak current specification, which is applicable when
VTT is powered up and VCC is not. This parameter is based on design characterization and is not tested.
Notes:
1.
Processor or Voltage Regulator thermal protection circuitry should not trip for load currents greater than
ICC_TDC.
2.
Not 100% tested. Specified by design characterization.
Figure 2-2. Dual-Core Intel® Xeon® Processor 5000 Series (1066 MHz) Load Current
versus Time
125
130
135
140
145
150
155
0.01
0.1
1
10
100
1000
Time Duration (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com