Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 12 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 5000 Datasheet HTML 8Page - Intel Corporation 5000 Datasheet HTML 9Page - Intel Corporation 5000 Datasheet HTML 10Page - Intel Corporation 5000 Datasheet HTML 11Page - Intel Corporation 5000 Datasheet HTML 12Page - Intel Corporation 5000 Datasheet HTML 13Page - Intel Corporation 5000 Datasheet HTML 14Page - Intel Corporation 5000 Datasheet HTML 15Page - Intel Corporation 5000 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Introduction
12
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
• Thermal Design Power – Processor thermal solutions should be designed to meet
this target. It is the highest expected sustainable power while running known
power intensive real applications. TDP is not the maximum power that the
processor can dissipate.
• LGA771 socket – The Dual-Core Intel Xeon Processor 5000 series interfaces to
the baseboard through this surface mount, 771 Land socket. See the LGA771
Socket Design Guidelines for details regarding this socket.
• Processor – A single package that contains one or more complete execution cores.
• Processor core – Processor core die with integrated L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
• Intel® Virtualization Technology – Processor virtualization which when used in
conjunction with Virtual Machine Monitor software enables multiple, robust
independent software environments inside a single platform.
• VRM (Voltage Regulator Module) – DC-DC converter built onto a module that
interfaces with a card edge socket and supplies the correct voltage and current to
the processor based on the logic state of the processor VID bits.
• EVRD (Enterprise Voltage Regulator Down) – DC-DC converter integrated onto
the system board that provides the correct voltage and current to the processor
based on the logic state of the processor VID bits.
• VCC – The processor core power supply.
• VSS – The processor ground.
• VTT – FSB termination voltage.
1.2
State of Data
The data contained within this document is subject to change. It is the most accurate
information available by the publication date of this document and is based on final
silicon characterization. All specifications in this version of the Dual-Core Intel® Xeon®
Processor 5000 Series Datasheet can be used for platform design purposes (layout
studies, characterizing thermal capabilities, and so forth).
1.3
References
Material and concepts available in the following documents may be beneficial when
reading this document:
Document
Intel Order Number
AP-485, Intel® Processor Identification and the CPUID Instruction
241618
IA-32 Intel® Architecture Software Developer's Manual
•
Volume 1: Basic Architecture
•
Volume 2A: Instruction Set Reference, A-M
•
Volume 2B: Instruction Set Reference, N-Z
•
Volume 3A: System Programming Guide
•
Volume 3B: System Programming Guide
253665
253666
253667
253668
253669
64-bit Extension Technology Software Developer's Guide
•
Volume 1
•
Volume 2
300834
300835
IA-32 Intel® Architecture Optimization Reference Manual
248966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com