Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 17 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 5000 Datasheet HTML 13Page - Intel Corporation 5000 Datasheet HTML 14Page - Intel Corporation 5000 Datasheet HTML 15Page - Intel Corporation 5000 Datasheet HTML 16Page - Intel Corporation 5000 Datasheet HTML 17Page - Intel Corporation 5000 Datasheet HTML 18Page - Intel Corporation 5000 Datasheet HTML 19Page - Intel Corporation 5000 Datasheet HTML 20Page - Intel Corporation 5000 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
17
Electrical Specifications
The processor core frequency is configured during reset by using values stored
internally during manufacturing. The stored value sets the highest bus fraction at which
the particular processor can operate. If lower speeds are desired, the appropriate ratio
can be configured via the IA32_FLEX_BRVID_SEL MSR. For details of operation at core
frequencies lower than the maximum rated processor speed, refer to the IA-32 Intel®
Architecture Software Developer’s Manual, Volume 3A &3B.
Clock multiplying within the processor is provided by the internal phase locked loop
(PLL), which requires a constant frequency BCLK[1:0] input, with exceptions for spread
spectrum clocking. The Dual-Core Intel Xeon Processor 5000 series utilize differential
clocks. Table 2-1 contains processor core frequency to FSB multipliers and their
corresponding core frequencies.
Notes:
1.
Individual processors operate only at or below the frequency marked on the package.
2.
Listed frequencies are not necessarily committed production frequencies.
3.
For valid processor core frequencies, refer to the Dual-Core Intel® Xeon® Processor 5000 series
Specification Update.
4.
Mid-voltage (MV) processors only.
5.
The lowest bus ratio supported by the Dual-Core Intel Xeon Processor 5000 series is 1/12.
2.4.1
Front Side Bus Frequency Select Signals (BSEL[2:0])
Upon power up, the FSB frequency is set to the maximum supported by the individual
processor. BSEL[2:0] are open drain outputs which must be pulled up to VTT, and are
used to select the FSB frequency. Please refer to Table 2-12 for DC specifications.
Table 2-2 defines the possible combinations of the signals and the frequency associated
with each combination. The frequency is determined by the processor(s), chipset, and
clock synthesizer. All FSB agents must operate at the same core and FSB frequency.
See the appropriate platform design guidelines for further details.
Table 2-1.
Core Frequency to FSB Multiplier Configuration
Core Frequency to FSB
Multiplier
Core Frequency with
166 MHz FSB Clock
Processor Number
Notes
1/16
2.67 GHz
5030
1, 2, 3, 4
1/18
3 GHz
5050
1, 2, 3, 4
Core Frequency to FSB
Multiplier
Core Frequency with
266 MHz FSB Clock
Notes
1/12
3.20 GHz
5063
1, 2, 3, 4
1/12
3.20 GHz
5060
1, 2, 3, 5
1/14
3.73 GHz
5080
1, 2, 3
Table 2-2.
BSEL[2:0] Frequency Table
BSEL2
BSEL1
BSEL0
Bus Clock Frequency
0
0
0
266.67 MHz
001
Reserved
010
Reserved
0
1
1
166.67 MHz
100
Reserved
101
Reserved
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com