Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 11 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 5000 Datasheet HTML 7Page - Intel Corporation 5000 Datasheet HTML 8Page - Intel Corporation 5000 Datasheet HTML 9Page - Intel Corporation 5000 Datasheet HTML 10Page - Intel Corporation 5000 Datasheet HTML 11Page - Intel Corporation 5000 Datasheet HTML 12Page - Intel Corporation 5000 Datasheet HTML 13Page - Intel Corporation 5000 Datasheet HTML 14Page - Intel Corporation 5000 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
11
Introduction
1.1
Terminology
A ‘#’ symbol after a signal name refers to an active low signal, indicating a signal is in
the asserted state when driven to a low level. For example, when RESET# is low, a
reset has been requested. Conversely, when NMI is high, a nonmaskable interrupt has
occurred. In the case of signals where the name does not imply an active state but
describes part of a binary sequence (such as address or data), the ‘#’ symbol implies
that the signal is inverted. For example, D[3:0] = ‘HLHL’ refers to a hex ‘A’, and
D[3:0]# = ‘LHLH’ also refers to a hex ‘A’ (H= High logic level, L= Low logic level).
Commonly used terms are explained here for clarification:
• Dual-Core Intel® Xeon® Processor 5000 Series – Processor in the FC-LGA6
package with two physical processor cores. Dual-Core Intel Xeon processor 5000
series refers to the “Full Power” Dual-Core Intel Xeon Processor 5000 series with
1066 MHz Front Side Bus. For this document, “processor” is used as the generic
term for the “Dual-Core Intel® Xeon® Processor 5000 series”.
• Dual-Core Intel® Xeon® Processor 5063 (MV) – This is a lower power version
of the Dual-Core Intel Xeon Processor 5000 series. Dual-Core Intel Xeon Processor
5063 (MV) refers to the “Mid Power” Dual-Core Intel Xeon Processor 5000 series.
Unless otherwise noted, the terms “Dual-Core Intel Xeon 5000 series” and
“processor” also refer to the “Dual-Core Intel Xeon Processor 5063”.
• FC-LGA6 (Flip Chip Land Grid Array) Package – The Dual-Core Intel Xeon
Processor 5000 series package is a Land Grid Array, consisting of a processor core
mounted on a pinless substrate with 771 lands, and includes an integrated heat
spreader (IHS).
• FSB (Front Side Bus) – The electrical interface that connects the processor to the
chipset. Also referred to as the processor front side bus or the front side bus. All
memory and I/O transactions as well as interrupt messages pass between the
processor and chipset over the FSB.
• Functional Operation – Refers to the normal operating conditions in which all
processor specifications, including DC, AC, FSB, signal quality, mechanical and
thermal are satisfied.
• Storage Conditions – Refers to a non-operational state. The processor may be
installed in a platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor lands should not be
connected to any supply voltages, have any I/Os biased or receive any clocks.
Upon exposure to “free air” (that is, unsealed packaging or a device removed from
packaging material) the processor must be handled in accordance with moisture
sensitivity labeling (MSL) as indicated on the packaging material.
• Priority Agent – The priority agent is the host bridge to the processor and is
typically known as the chipset.
• Symmetric Agent – A symmetric agent is a processor which shares the same I/O
subsystem and memory array, and runs the same operating system as another
processor in a system. Systems using symmetric agents are known as Symmetric
Multiprocessing (SMP) systems.
• Integrated Heat Spreader (IHS) – A component of the processor package used
to enhance the thermal performance of the package. Component thermal solutions
interface with the processor at the IHS surface.
• Enhanced Intel SpeedStep Technology – The next generation implementation
of Intel SpeedStep technology which extends power management capabilities of
servers and workstations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com