Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 18 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 5000 Datasheet HTML 14Page - Intel Corporation 5000 Datasheet HTML 15Page - Intel Corporation 5000 Datasheet HTML 16Page - Intel Corporation 5000 Datasheet HTML 17Page - Intel Corporation 5000 Datasheet HTML 18Page - Intel Corporation 5000 Datasheet HTML 19Page - Intel Corporation 5000 Datasheet HTML 20Page - Intel Corporation 5000 Datasheet HTML 21Page - Intel Corporation 5000 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Electrical Specifications
18
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
2.4.2
Phase Lock Loop (PLL) and Filter
VCCA and VCCIOPLL are power sources required by the PLL clock generators on the Dual-
Core Intel Xeon Processor 5000 series. Since these PLLs are analog in nature, they
require low noise power supplies for minimum jitter. Jitter is detrimental to the system:
it degrades external I/O timings as well as internal core timings (that is, maximum
frequency). To prevent this degradation, these supplies must be low pass filtered from
VTT.
The AC low-pass requirements are as follows:
• < 0.2 dB gain in pass band
• < 0.5 dB attenuation in pass band < 1 Hz
• > 34 dB attenuation from 1 MHz to 66 MHz
• > 28 dB attenuation from 66 MHz to core frequency
The filter requirements are illustrated in Figure 2-1. For recommendations on
implementing the filter, refer to the appropriate platform design guidelines.
Notes:
1.
Diagram not to scale.
2.
No specifications for frequencies beyond fcore (core frequency).
3.
fpeak, if existent, should be less than 0.05 MHz.
4.
fcore represents the maximum core frequency supported by the platform.
Figure 2-1. Phase Lock Loop (PLL) Filter Requirements
CS00141
0 dB
-28 dB
-34 dB
0.2 dB
forbidden
zone
-0.5 dB
forbidden
zone
1 MHz
66 MHz
fcore
fpeak
1 Hz
DC
passband
high frequency
band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com