Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 90 Page - Intel Corporation

Part # 5000
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5000 Datasheet(HTML) 90 Page - Intel Corporation

Back Button 5000 Datasheet HTML 86Page - Intel Corporation 5000 Datasheet HTML 87Page - Intel Corporation 5000 Datasheet HTML 88Page - Intel Corporation 5000 Datasheet HTML 89Page - Intel Corporation 5000 Datasheet HTML 90Page - Intel Corporation 5000 Datasheet HTML 91Page - Intel Corporation 5000 Datasheet HTML 92Page - Intel Corporation 5000 Datasheet HTML 93Page - Intel Corporation 5000 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
Boxed Processor Specifications
90
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
Notes:
1.
The heat sinks represented in these images are for reference only, and may not represent the final boxed
processor heat sinks.
2.
The screws, springs, and standoffs will be captive to the heat sink. This image shows all of the components
in an exploded view.
3.
It is intended that the CEK spring will ship with the base board and be pre-attached prior to shipping.
8.2
Mechanical Specifications
This section documents the mechanical specifications of the boxed processor.
Figure 8-2. Boxed Dual-Core Intel Xeon Processor 5000 Series 2U Passive Heat Sink
Figure 8-3. 2U Passive Dual-Core Intel Xeon Processor 5000 Series Thermal Solution
(Exploded View)
Heat sink
Heat sink standoffs
Heat sink screw
springs
Thermal Interface
Material
Heat sink
screws
Motherboard
and
processor
Chassis pan
Protective Tape
CEK spring
Heat sink
Heat sink standoffs
Heat sink screw
springs
Thermal Interface
Material
Heat sink
screws
Motherboard
and
processor
Chassis pan
Protective Tape
CEK spring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com